PART |
Description |
Maker |
M27V256 M27V256-100B1TR M27V256-100B6TR M27V256-10 |
NND - 256 KBIT (32KB X8) LOW VOLTAGE UV EPROM AND OTP EPROM 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 18-Bit Universal Bus Transceiver With 3-State Outputs 56-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-TSSOP -40 to 85 256千位2KB × 8低压紫外线可擦写可编程只读存储器和OTP存储
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
74LVX16374 74LVX16374TTR |
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 5V TOLERANT INPUT LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 5V TOLERANT INPUTS
|
ST Microelectronics STMicroelectronics
|
74VCX16374 |
Low-Voltage 1.8/2.5/3.3V 16-Bit D-Type Flip-Flop
|
ON Semiconductor
|
MC74VCX16374DT MC74VCX16374 |
LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT D-TYPE FLIP-FLOP
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
TC74VCXH16374FT |
Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
|
Toshiba Semiconductor
|
74LVTH16374MTD 74LVT16374 74LVT16374MEA 74LVT16374 |
Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LCX16374MEA 74LCX16374MTD 74LCX16374CW |
Low-Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor
|
TC74VCX16721FT |
Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
|
Toshiba Semiconductor
|
TC74VCX162821FT07 |
Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
|
Toshiba Semiconductor
|
TC74VCX16374FT |
LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
TOSHIBA[Toshiba Semiconductor]
|
TC74VCX162823FT |
Low-Voltage 18-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
|
Toshiba Semiconductor
|