PART |
Description |
Maker |
PACDN046Y3 PACDN046Y6 PACDN046Y5 PACDN046Y4 PACDN0 |
Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:6.7A; Power Supply Mounting:Open Frame; External Depth:185mm; External Width:108mm; Operating Temp. Max:50 C Switch Mode Power Supply; Output Power:110W; No. of Outputs:1; Output 1 VDC :15VDC; Output Current 1:5.3A; Mounting Type:PCB; Output Current:5.3A; Output Current Max:7.3A; Output Current Min:0A; Output Power Max:110W RoHS Compliant: Yes TRANSIENT VOLTAGE SUPPRESSOR ARRAYS
|
California Micro Devices Corporation
|
AN6701S AN6701 |
Switch Mode Power Supply; Output Power:1512W; No. of Outputs:1; Output 1 VDC :360VDC; Output Current 1:4.2A; Power Supply Mounting:PC Board; Leaded Process Compatible:Yes; Output Current:4.2A; Output Power Max:1512W RoHS Compliant: Yes 温度传感器IC Temperature Sensor IC
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
SSTVN16857MTD SSTV16857 SSTV16857MTD SSTVN16857 |
Voltage Regulator IC; Output Current:300mA; Output Voltage:5V; Package/Case:8-MSOP; Supply Voltage Max:6V; Current Rating:300mA; Leaded Process Compatible:No; Output Current Max:300mA; Output Voltage Max:5V 14-Bit Register with SSTL-2 Compatible I/O and Reset
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
FDC60-12D05 FDC60-24S05 FDC60-48D15 FDC60 FDC60-12 |
Input range:9-18 VDC;output voltage:3.3/5 VDC; output current:6/6 A;input current:5770 mA; 60 W DC-DC converter 60 WATTS OUTPUT POWER KIT, MACHXO 2280C, EVAL BOARD
|
Power Mate Technology List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc.
|
AD801702 AD8017ARZ-REEL |
Low Cost, High Output Current, High Output Voltage Line Driver Dual High Output Current, High Speed Amplifier
|
Analog Devices
|
ATS025A0X3-P ATS025A0X3 ATH025A0X3 ATH025A0X3Z ATH |
4.5 - 5.5Vdc input; 0.8 - 3.63Vdc output; 30A output current, 6.0 - 14Vdc input; 0.8 - 5.5Vdc output; 25A output current
|
Lineage Power Corporation
|
OM9554SP OM9551SP OM9552SP OM9553SP |
Hi-Rel Switching Regulator 5V Input / 3A Output Current 3.3V / 2.5V 1.8V / 1.5V Output Switching Regulator Three Terminal Package 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 5V Input, 3A Output Current 3.3V, 2.5V 1.8V, 1.5V Output Switching Regulator Three Terminal Package 5V Input 3A Output Current 3.3V 2.5V 1.8V 1.5V Output Switching Regulator Three Terminal Package
|
International Rectifier Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
VE-B61-MU-BM VE-B54-CU-BM VE-254-IU-BM VE-234-IU-B |
BatMod Battery Charger Current Source Modules 1-OUTPUT 200 W DC-DC BOOSTER MODULE 1-OUTPUT DC-DC BOOSTER MODULE 1-OUTPUT 200 W DC-DC CURRENT SOURCE MODULE 1-OUTPUT DC-DC CURRENT SOURCE MODULE
|
Vicor Corporation http://
|
5962-0420401HPC 5962-0420401HYC 5962-0420401HYA HC |
2.0 Amp Output Current IGBT Gate Drive Optocoupler 2.0安培输出电流IGBT栅极驱动光电耦合 5962-0420401HPC · 2.0 Amp Output Current IGBT Gate Drive Optocoupler 5962-0420401HYA · 2.0 Amp Output Current IGBT Gate Drive Optocoupler 5962-0420401HYC · 2.0 Amp Output Current IGBT Gate Drive Optocoupler 5962-0420401HPA · 2.0 Amp Output Current IGBT Gate Drive Optocoupler 5962-0420401HXA · 2.0 Amp Output Current IGBT Gate Drive Optocoupler HCPL-5121-300 · 2.0 Amp Output Current IGBT Gate Drive Optocoupler HCPL-5121-200 · 2.0 Amp Output Current IGBT Gate Drive Optocoupler HCPL-5120-300 · 2.0 Amp Output Current IGBT Gate Drive Optocoupler HCPL-5121-100 · 2.0 Amp Output Current IGBT Gate Drive Optocoupler HCPL-5120 · 2.0 Amp Output Current IGBT Gate Drive Optocoupler HCPL-5120-100 · 2.0 Amp Output Current IGBT Gate Drive Optocoupler HCPL-5120-200 · 2.0 Amp Output Current IGBT Gate Drive Optocoupler HCPL-5121 · 2.0 Amp Output Current IGBT Gate Drive Optocoupler
|
Ecliptek, Corp. HIROSE ELECTRIC Co., Ltd. DB Lectro, Inc. Agilent(Hewlett-Packard) Agilent (Hewlett-Packard)
|
7B39-02 7B39-01 |
Isolated Current Output Signal Conditioning Module Isolated, Process Current Output
|
Analog Devices
|
AM29F160DB75FC AM29F160DT120FC AM29F160DT75FC AM29 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only/ Boot Sector Flash Memory Switch Mode Power Supply; Series:SC40; Output Voltage:5V; Output Power Max:40W; Output Current:4A; Number of Outputs:3; Output Current 2:1A; Output Current 3:0.5A Triple 3-Input Positive-AND Gates 14-TSSOP -40 to 85 Triple 3-Input Positive-AND Gates 14-SO -40 to 85 Triple 3-Input Positive-AND Gates 14-TVSOP -40 to 85
|
http:// AMD Advanced Micro Devices, Inc.
|
WD101 WD105 WD200 WD102 WD506 WD100 WD103 WD104 WD |
DC/DC Converters DC/DC converter, 10 watts. Input voltage 18.0-36.0 VDC. Output voltage -12.0 VDC. Output current -625 mA. Input current 30 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage 12.0 VDC. Output current 1250 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage 12.0 VDC. Output current 1250 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. Input voltage 18.0-36.0 VDC. Output voltage 5.0 VDC. Output current 3000 mA. Input current 20 mA(no load), 800 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 20 mA(no load), 543 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage -15.0 VDC. Output current -500 mA. Input current 30 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. Input voltage 18.0-36.0 VDC. Output voltage 15.0 VDC. Output current 1000 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage -15.0 VDC. Output current -500 mA. Input current 30 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. Input voltage 18.0-36.0 VDC. Output voltage -15.0 VDC. Output current -500 mA. Input current 30 mA(no load), 780 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage 15.0 VDC. Output current 1000 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage -12.0 VDC. Output current -625 mA. Input current 30 mA(no load), 780 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 20 mA(no load), 543 mA(full load). DC/DC converter, 15 watts. Input voltage 18.0-36.0 VDC. Output voltage 5.0 VDC. Output current 3000 mA. Input current 20 mA(no load), 800 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage 5.0 VDC. Output current 3000 mA. Input current 20 mA(no load), 800 mA(full load). DC/DC converter, 10 watts. Input voltage 18.0-36.0 VDC. Output voltage 12.0 VDC. Output current 1250 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage 15.0 VDC. Output current 1000 mA. Input current 20 mA(no load), 780 mA(full load). DC/DC converter, 10 watts. UL1950 approvals. Input voltage 18.0-36.0 VDC. Output voltage -12.0 VDC. Output current -625 mA. Input current 30 mA(no load), 780 mA(full load).
|
List of Unclassifed Man... International Power Sources ETC[ETC] List of Unclassifed Manufacturers
|