PART |
Description |
Maker |
L01XXYEAP L01XXYTRP L0107MT L0109MT L0103DE L0103D |
New 1 Amp bi-directional solid state switch series offering direct interface
|
Littelfuse
|
LX8XXYEAP LX8XXYTRP LX803ME 807DTRP LX803DE LX803D |
New 0.8 Amp bi-directional solid state switch series offering direct 400 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
Littelfuse
|
HLMP-1540 HLMP-1340 MV5460 MV5360 MV5762X HLMP-144 |
CLEAR LENS T-100 SOLID STATE LAMPS T-1 SINGLE COLOR LED, YELLOW, 3 mm High Efficiency Red Rectangular Solid State Lamp 2 mA High Efficiency Red Low Current T-100 & T-1 3/4 Solid State Lamp
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
TSMBJ1006C TSMBJ1012C TSMBJ1022C TSMBJ1024C TSMBJ1 |
Bi-Directional 100 Amp 50-270 Volts Thyristor Surge Protective Device 110 V, 60 A, SILICON SURGE PROTECTOR, DO-214AA Bi-Directional 100 Amp 50-270 Volts Thyristor Surge Protective Device 210 V, 50 A, SILICON SURGE PROTECTOR, DO-214AA Bi-Directional 100 Amp 50-270 Volts Thyristor Surge Protective Device 250 V, 50 A, SILICON SURGE PROTECTOR, DO-214AA
|
Littelfuse, Inc. Microsemi, Corp. MICROSEMI[Microsemi Corporation] Micro Commercial Components
|
DBTC-6-4-75 DBTC-75OHMSSERIES DBTC-10-4-75 DBTC-13 |
Circular Connector; Body Material:Aluminum; Series:PT01; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-15 Surface Mount Directional Couplers 表面贴装定向耦合 Surface Mount Directional Couplers 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX Surface Mount Directional Couplers 5 MHz - 1250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 3.1 dB INSERTION LOSS-MAX
|
http:// MINI[Mini-Circuits]
|
UA741 UA741IJ |
general purpose single operational amplifiers OP-AMP, 6000 uV OFFSET-MAX, 1 MHz BAND WIDTH, CDIP8 Quad high side smart power solid state relay IC,OP-AMP,SINGLE,BIPOLAR,CAN,8PIN,METAL
|
ST Microelectronics
|
SM12J45A SM12G45 SM12G45A SM12J45 |
BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE AC POWER CONTROL APPLICATIONS TOSHIBA BI-DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE TOSHIBA BI−DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE TOSHIBA BI−DIRECTIONAL TRIODE THYRISTOR SILICON PLANAR TYPE
|
TOSHIBA[Toshiba Semiconductor] http:// Toshiba, Corp.
|
SGC-4F24D1M SGC-4F24D1T SGC-4F12D1M SGC-4F12D1T SG |
SOLID STATE RELAY 2 AMP 250 VAC
|
American Zettler, Inc.
|
UUD1H470MCL1GS UUD1V4R7MCL1GS UUD1C270MCL1GS |
Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 47uF; Voltage: 50V; Case Size: 6.3x7.7 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 47 uF, SURFACE MOUNT Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 4.7uF; Voltage: 35V; Case Size: 4x5.8 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 4.7 uF, SURFACE MOUNT Aluminum Electrolytic SMT Low Impedance Capacitor; Capacitance: 27uF; Voltage: 16V; Case Size: 5x5.8 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 27 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
CRP-11N-1000 CRP-20N-1000 CRP-10N-250 CRP-20N-250 |
BI-DIRECTIONAL COUPLERS 5 MHz - 500 MHz RF/MICROWAVE BI-DIRECTIONAL COUPLER, 1 dB INSERTION LOSS-MAX 8 PIN
|
MERRIMAC INDUSTRIES INC Merrimac Industries, Inc. Merrimac Industries, In...
|
UWJ1C330MCL1GB UWJ1C100MCL1GB UWJ0J330MCL1GB UWJ1C |
CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 33 uF, SURFACE MOUNT 5.5 mmL CHIP, ROHS COMPLIANT Aluminum Electrolytic SMT High Temp Reflow Capacitor; Capacitance: 10uF; Voltage: 16V; Case Size: 4x5.4 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 10 uF, SURFACE MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 6.3 V, 33 uF, SURFACE MOUNT 5.5 mmL CHIP, ROHS COMPLIANT Aluminum Electrolytic SMT High Temp Reflow Capacitor; Capacitance: 47uF; Voltage: 16V; Case Size: 6.3x5.4 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 47 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
|