PART |
Description |
Maker |
16R6DC PAL16R4 |
(PAL16xx) 20-Pin TTL Programmable Array Logic Search --To PAL16R6DC
|
AMD ETC
|
IR2E46U6 IR2E47U6 IR2E48U6 GM1HD55200A GL5CU44 GL5 |
HIGH-LUMINOSITY LED LAMP 高亮度发光二极管 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; No. of Contacts:3; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT01; Number of Contacts:18; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:24; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:20-24 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:19 x 32; Jacket Color:Orange; Approval Bodies:UL; Approval Categories:UL AWM Style 1180; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/5 Type EE RoHS Compliant: Yes INDU : 1H 10% MAGNETICALLY SHIELDED(WIREBOUND) KK 100 HDR FLAT RTAN 8CKT TIN Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:27; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Socket CONNECTOR ACCESSORY Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT00; Number of Contacts:41; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle Style:Wall Mount Receptacle; Circular Contact Gender:Socket; Insert Arrangement:22-41
|
http:// Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers List of Unclassifed Man...
|
LN342GP LN842RP LN242RP LN442YP LN342GPLNG342GDG L |
From old datasheet system 5.0 mm ′ 2.0 mm Series 5.0 MM ? 2.0 MM SERIES Opto-Electronic Device - Visible Light Emitting Diodes - Point-Lighting LEDs 5.0 mm 2.0 mm Series
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation
|
415322-2 |
F Series and G Series; SURFACE MOUNT JACK, F SERIES ( AMP )
|
Tyco Electronics
|
TVR10561 TVR20101 TVR14431 TVR20180 TVR20181 TVR20 |
From old datasheet system (TVR Series) ZINC OXIDE VARISTOR 50 SERIES Shrink Tubing; Shrink Ratio:2:1; Material:Polyolefin RoHS Compliant: Yes R- 600 PRV 6A ZINC OXIDE VARISTOR 50 SERIES 氧化锌压敏电50系列 ZINC OXIDE VARISTOR 50 SERIES 氧化锌压敏电0系列
|
N.A. ETC[ETC] Electronic Theatre Controls, Inc. STMicroelectronics N.V.
|
MC14082BDR2G MC14011 MC14071BCP MC1408 MC14001BCPG |
B-Suffix Series CMOS Gates IEEE 802.3af PoE HIGH POWER PD CONTROLLER 8-SO PowerPAD -40 to 85 Triple 3-Input NOR Gate Quad 2-Input AND Gate Dual-Slot Cardbus Power-Interface Switches for Serial PCMCIA Controllers 24-HTSSOP -40 to 85 B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, TRIPLE 3-INPUT AND GATE, PDIP14 B-Suffix Series CMOS Gates 后缀系列CMOS B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDIP14
|
Motorola, Inc ONSEMI[ON Semiconductor]
|
KDE1205PHB1 B0503PFB1-8 B0503PFB3-8 B0535PEB2-8 KD |
KDE SERIES DC Brushless Fan&Blower Traditional Motor Series
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
MADR-008888-000100V5 MADR-008888-0002TB |
PIN Diode Driver for Series / Series High Power Switch
|
M/A-COM Technology Solutions, Inc.
|
5-202577-2 |
G Series Modular Connectors ( A Multimate Product ); LOCKING SPRING KIT,G-SERIES ( AMP )
|
Tyco Electronics
|
HD74ALVC1G00 |
Standard IC>General-Purpose Logics>Uni-Logic 74ALVC 1G/2G Series>74ALVC1G Series
|
Renesas
|
PF150HF-010.0M PF263HF-010.0M PF263HV-010.0M PF160 |
Oven Controlled Crystal Oscillators 3.3V / 5.0V Series LVCMOS / HCMOS Series VCOCXO / OCXO
|
Connor-Winfield Corporation
|