PART |
Description |
Maker |
MN101E01K MN101E01L MN101E01M |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101E11G |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101C74D MN101C74F MN101C74G |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101C93G |
Microcomputer - 8bit - General Purpose
|
Panasonic
|
MN101C39C MN101C399 |
Microcomputer - 8bit - General Purpose From old datasheet system
|
Panasonic
|
MN101C61G MN101C61D MN101C61 |
Microcomputer - 8bit - General Purpose Timer counter 0 : 8-bit X 1
|
PANASONIC[Panasonic Semiconductor]
|
H8_3822R H8_3823R H8_3824R H8_3825R |
8BIT SINGLE CHIP MICROCOMPUTER
|
Hitachi Semiconductor
|
HY57V64820HGLTP-5 HY57V64820HGLTP-55 HY57V64820HGL |
4 Banks x 2M x 8Bit Synchronous DRAM 8M X 8 SYNCHRONOUS DRAM, 5.4 ns, PDSO54 4 Banks x 2M x 8Bit Synchronous DRAM 8M X 8 SYNCHRONOUS DRAM, PDSO54 CAP 0.01UF 50V 10% X7R SMD-0805 TR-13 PLATED-NI/SN 8M X 8 SYNCHRONOUS DRAM, 5.4 ns, PDSO54 Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 220uF; Voltage: 25V; Case Size: 8x11.5 mm; Packaging: Bulk
|
Hynix Semiconductor, Inc. http:// Hynix Semiconductor Inc. HYNIX[Hynix Semiconductor]
|
MN103S53G |
Microcomputer - 32bit - General Purpose
|
Panasonic
|
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
MN1A7T0200 |
Microcomputer - 32bit - General Purpose From old datasheet system
|
Panasonic
|
MN1021617 |
Microcomputer - 16bit - General Purpose FLGA165-C-1111
|
panasonic
|