PART |
Description |
Maker |
EVALSPEAR320PLC |
SPEAr320 evaluation board for PLC applications Evaluation board for SPEAr320 embedded MPU
|
ST Microelectronics STMicroelectronics
|
SST-MEL32-EV SST-MELDAPEVAL SST-MELSHARCEV SST-MEL |
Melody 32 Multichannel Audio Evaluation and Development Board Melody DAP Digital Audio Evaluation & Development Board SHARC Melody Multichannel Audio Evaluation and Development Board SHARC Melody Ultra Multichannel Audio Evaluation and Development Board
|
Analog Devices
|
EVALSP1340CPU |
SPEAr1340 CPU evaluation board EVALSP1340 evaluation board (rev. 2.2) for SPEAr1340
|
ST Microelectronics STMicroelectronics
|
STR7-SK/KEIL STR750-SK/KEIL STR91X-SK/KEI |
Keil starter kit with STR750F evaluation board, USB-JTAG debugger and evaluation version of RealView Microcontroller Development Keil starter kit with STR912F evaluation board, USB-JTAG debugger and evaluation version of RealView Microcontroller Development
|
ST Microelectronics
|
HV9910DB6 |
Supertex Driver Evaluation Board for OSRAM OSTARLED Supertex Driver Evaluation Board for OSRAM OSTAR⑩ LED
|
Supertex, Inc.
|
EVG2995 EV2995-10 |
G2995 Evaluation Board Manual G2995 Evaluation Board Manual
|
GMT[Global Mixed-mode Technology Inc]
|
PCM-9362DF-S6A1E PCM-9362D-S6A1E PCM-9362NC-S6A1E |
Intel? Atom N450/ D510 3.5 SBC, LVDS, VGA, 2 GbE, Mini PCIe, 4 COM , MIO-160 Expansion
|
Advantech Co., Ltd.
|
AOZ1020-EVA |
EZBuck 2A Simple Buck Regulator Evaluation Board Note EZBuck⑩ 2A Simple Buck Regulator Evaluation Board Note
|
Alpha & Omega Semiconductors
|
AD421 AD421BR EVAL-AD421EB AD421BN AD421BRRL EVAL- |
Loop-Powered 4 mA to 20 mA DAC Loop-Powered 4-20 mA DAC 18-Bit/ 2.5 LSB INL/ 570 kSPS SAR ADC 1 MSPS/ 12-Bit ADCs Evaluation Board for 1MSPS/ 12-Bit ADC SigmaDSP 3-Channel/ 26-Bit Signal Processing DAC Low Cost/ Low Power CMOS General Purpose Analog Front End EvaluationBoardforLowCost/LowPower/ CMOSGerneralPurposeDualAnalogFrontEnd Evaluation Board for 12-bit high speed/ low power/ successive-approximation ADC Evaluation Board AD1555/1556 24-Bit ADC 1.8 V/ Micro-Power/ 8/10/12-Bit ADCs in 6 Lead SOT-23 Evaluation Board for 1MSPS/ 12-/ 10-Bit ADCs 2.35 V to 5.25 V/ 1 MSPS/ 12-/10-/8-Bit ADCs in 6-Lead SC70 Multichannel 24-Bit/ 192 kHz/ DAC 2 ADC/ 8 DAC/ 96 kHz/ 24-Bit Codec Low Cost/ Low Power CMOS General-Purpose Dual Analog Front End AD73360L Evaluation Board/ Six Input Channel Analog Front End 3MSPS/ 12-Bit SAR ADC 2 ADC/ 6 DAC/ 96KHZ 24 BIT CODEC Differential Input/ Dual 2 MSPS/ 12-Bit/ 3-Channel SAR ADC Software Selectable True Bipolar Input/ 2-Channel/ 12-Bit Plus Sign ADC Differential Input/ 1MSPS/ 12-Bit ADC in SO-8 and S0-8 Evaluation Board for 10-bit high speed/ low power/ successive-approximation ADC 32-Channel/ 14-Bit Voltage-Output DAC 3MSPS/ 14-Bit SAR ADC
|
AD` AD[Analog Devices] ATMEL Corporation Analog Devices, Inc. http://
|
AOZ1019-EVA B230A-FDICT-ND GRM188R61E105KA12D CRCW |
EZBuck?/a> 2A Simple Buck Regulator Evaluation Board Note EZBuck 2A Simple Buck Regulator Evaluation Board Note EZBuck⑩ 2A Simple Buck Regulator Evaluation Board Note
|
ETC Alpha & Omega Semiconductors
|
25AA640T-I/SN 25AA640-I/ST 25AA640-I/P 25LC640X-E/ |
Evaluation Kit for the MAX1715 Evaluation Kit for the MAX1879 Evaluation Kit for the MAX1864 3µs, 12-Bit ADC Evaluation Kit for the MAX1717 Notebook CPU Step-Down Controller for Intel Mobile Voltage Positioning (IMVP-II) SPI串行EEPROM
|
Luxo, Corp.
|