PART |
Description |
Maker |
M36P0R9070E0 |
512 Mbit Flash memory 128 Mbit (Burst) PSRAM
|
Numonyx
|
F28F008SA-120 E28F008SA-120 E28F008SA-85 F28F008SA |
8-MBIT (1-MBIT x 8) FlashFileTM MEMORY 8兆(1兆位× 8FlashFileTM记忆 8-MBIT (1-MBIT x 8) FlashFileTM MEMORY 1M X 8 FLASH 12V PROM, 120 ns, PDSO44 8-MBIT (1-MBIT x 8) FlashFileTM MEMORY 1M X 8 FLASH 12V PROM, 85 ns, PDSO44 8-MBIT (1-MBIT x 8) FlashFile MEMORY
|
Intel, Corp. Intel Corp. Intel Corporation
|
DA28F016XS-15 DA28F016XS-20 E28F016XS-15 E28F016XS |
16-MBIT (1 MBIT x 16/ 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY 16-Mbit (1 Mbit x 16,2 Mbit x 8) synchronous flash memory. Vcc=3.3, 50 pF load, 1.5V I/O levels
|
Intel
|
M29W128GH70N3E M29W128GL |
128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory 128-Mbit (16 Mbit x8 or 8 Mbit x16, page, uniform block) 3 V supply flash memory
|
Numonyx B.V
|
M36LLR8760 M36L0R7050 M36L0R7050B0ZAQE M36L0R7050B |
128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 32 Mbit (2M x16) PSRAM, 1.8V Supply Multi-Chip Package 128兆位(多银行,多层次,突发)闪存32兆位00万16)移动存储芯片,1.8V电源多芯片封 CAP 2.2PF 200V 0.5PF C0H DIP-2 BULK S-MIL-C-39014 ER 23C 16 12 8 4 SKT RECP WALL CAP 0.1UF 50V 10% X7R DIP-2 BULK P-MIL-C-39014 128 Mbit (Multiple Bank / Multi-Level / Burst) Flash Memory 32 Mbit (2M x16) PSRAM From old datasheet system
|
STMicroelectronics N.V. ST Microelectronics 意法半导 STMICROELECTRONICS[STMicroelectronics]
|
M36L0R7060T1 M36L0R7060B1 M36L0R7060B1ZAQE M36L0R7 |
128 Mbit (Multiple Bank, Multilevel, Burst) Flash memory and 64 Mbit (Burst) PSRAM, 1.8 V supply, multichip package
|
STMicroelectronics ST Microelectronics, Inc.
|
M36L0R7050L1ZAMF M36L0R7060U1 M36L0R7060U1ZAME M36 |
128 Mbit (Mux I/O, Multiple Bank, Multi-Level, Burst) Flash memory, 32 or 64 Mbit PSRAM, 1.8V supply Multi-Chip Package
|
STMicroelectronics
|
LXT971ABE M25P64-VME6P M25P64-VMF6P M27C400206 M27 |
Series One Watt Zeners 64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface 4 Mbit (256Kb x16) UV EPROM and OTP EPROM 8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM 64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory 4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory 5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs Serial access Real-Time Clock with alarm
|
1N4728A STMICROELECTRONICS[STMicroelectronics]
|
TC58FVB321XB-70 TC58FVXB-70 TC58FVT321XB-70 TC58FV |
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 32-MBIT (4M X 8 BITS / 2M X 16 BITS) CMOS FLASH MEMORY 东芝马鞍山数字集成电路硅栅CMOS 32兆位米8 2米16位)的CMOS闪存 32-MBIT (4M 8 BITS / 2M 16 BITS) CMOS FLASH MEMORY 32-MBIT (4Mx8 BITS/2Mx16 BITS) CMOS FLASH MEMORY
|
Toshiba, Corp. Toshiba Corporation
|
M58LR128KB |
(M58LRxxxKx) 128 or 256 Mbit 1.8 V supply Flash memories
|
Numonyx
|
SST25VF020-20-4C-SAE-T SST25VF020-20-4I-SA SST25VF |
4 Mbit Uniform Sector, Serial Flash Memory 2M X 1 FLASH 2.7V PROM, PDSO8 2 Mbit / 4 Mbit SPI Serial Flash
|
Silicon Storage Technol... Microchip Technology Inc. Silicon Storage Technology, Inc.
|
AM41LV3204MT10IT |
Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
|
Advanced Micro Devices, Inc.
|