PART |
Description |
Maker |
LTC3548EDD-PBF LTC3548EDD-TRPBF LTC3548IDD-PBF LTC |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
LTC3548-1 LTC3548EDD-1-PBF LTC3548EDD-1-TRPBF LTC3 |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
LTC3619-15 |
400mA/800mA Synchronous Step-Down DC/DC with Average Input Current Limit
|
Linear Technology
|
MIC2238 MIC2238-AAYML |
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
|
Micrel Semiconductor
|
LTC3407A-2-15 |
Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
EUP3409 EUP3409JIR1 |
Dual 1.5MHz, 800mA Synchronous Step-Down Converter
|
Eutech Microelectronics Inc
|
JMK107BJ475RA JMK107BJ106MA GRM219R60J106KE19 GRM2 |
Dual 800mA, 1.25MHz Synchronous Step-Down Converter
|
Richtek Technology Corporation Richtek Technology Corp...
|
LTC3417AEDHCTR LTC3417AEFETR |
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 2.5 A DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO16 Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
EV2109DQ-00A |
Dual 1.2MHz, 800mA Synchronous Step-Down Converter .2MHz的,800mA的同步降压转换器
|
Monolithic Power Systems, Inc.
|
LTC3606B |
800mA Synchronous Step-Down DC/DC
|
Linear Technology Corporation
|
EP5388QI |
800mA Synchronous Buck Regulator
|
Enpirion
|
LTC3538 LTC3538EDCB LTC3538EDCB-PBF LTC3538EDCB-TR |
800mA Synchronous Buck-Boost DC/DC Converter
|
Linear Technology
|