PART |
Description |
Maker |
LT1308 LT1308CS8 LT1308IS8 1308I LT1308AIS8 LT1308 |
High Current/ Micropower Single Cell/ 600kHz DC/DC Converters From old datasheet system Single Cell High Current Micropower 600kHz Boost DC/DC Converter SWITCHING REGULATOR, 750 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology Corporation Linear Technology, Corp.
|
LT1307CS8 LT1307CN8 LT1307CMS8 |
Single Cell Micropower 600kHz PWM DC/DC Converters 8-Bit Identity Comparators (P=Q) with Enable and 20K Ohm Q-Input Pullup Resistors 20-SOIC 0 to 70
|
http:// Linear Technology Corporation
|
LT1308ACS8PBF LT1308ACS8TRPBF LT1308BCFTRPBF |
Single Cell High Current Micropower 600kHz Boost DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 4.5 A SWITCHING REGULATOR, 750 kHz SWITCHING FREQ-MAX, PDSO8 4.5 A SWITCHING REGULATOR, 750 kHz SWITCHING FREQ-MAX, PDSO14
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
317B LT1317 |
Micropower, 600kHz PWM DC/DC Converters
|
Linear Technology Corporation
|
LT1610CS8TRPBF LT1610CMS8TR LT1610-15 |
1.7MHz, Single Cell Micropower DC/DC Converter 1.7MHz, Single Cell Micropower DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C 0.9 A SWITCHING REGULATOR, 2000 kHz SWITCHING FREQ-MAX, PDSO8 1.7MHz, Single Cell Micropower DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 0.9 A SWITCHING REGULATOR, 2000 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology, Corp.
|
LT1307 |
Micropower 600kHz PWM DC/DC Converters(微功600MHz,脉宽调制电流模式DC/DC变换
|
Linear Technology Corporation
|
LTC3443EDE |
High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
|
Linear Technology
|
MP2619EV-LF-Z MP2619EV-LF-P |
2A, 24V Input, 600kHz 2-3 Cell Switching Li-Ion Battery Charger With System Power Path Management
|
MPS Industries, Inc.
|
SI9731DQ SI9731DB SI9731 |
UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
|
VISAY[Vishay Siliconix]
|
SP6645 SP6645EU SP6644 SP6644EU SP6644EU-L SP6644E |
From old datasheet system Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter Single/Dual Alkaline Cell, High Efficiency Boost DC-DC Regulator
|
SIPEX[Sipex Corporation]
|
MAX4040 MAX4040ESA MAX4040EUA MAX4040EUK-T MAX4041 |
Replaced by TMS320VC5506 : Digital Signal Processors 132-BQFP OP-AMP, 3500 uV OFFSET-MAX, 0.09 MHz BAND WIDTH, PDSO8 Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps OP-AMP, 5000 uV OFFSET-MAX, 0.09 MHz BAND WIDTH, PDSO8 Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps DUAL OP-AMP, 5000 uV OFFSET-MAX, 0.09 MHz BAND WIDTH, PDSO8 IC-SM RAIL/RAIL I/O OP AMP 集成电路钐轨/轨I / O运放 Single/Dual/Quad / Low-Cost / SOT23 / Micropower Rail-to-Rail I/O Op Amps Single/Dual/Quad, Low-Cost, SOT23,Micropower Rail-to-Rail I/O Op Amps "?Dual, Low-Cost, Micropower Rail-to-Rail I/O Op Amp" "Single, Low-Cost, Micropower, Rail-to-Rail I/O Op Amp with Shutdown" "?Dual, Low-Cost, Micropower, Rail-to-Rail I/O Op Amp with Shutdown"
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
SI9731 |
渭P Controlled Li-ion Battery Charger
Pulse Charges 1 to 3 Cells
Integrated MOSFETs UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries μP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries(用于1节锂电池-3节镍镍镉电池的μP控制的电池充电器)
|
Vishay Siliconix Vishay Intertechnology,Inc.
|