PART |
Description |
Maker |
FDB035AN06A0 FDB035AN06A0NL |
N-Channel PowerTrench MOSFET 60V/ 80A/ 3.5m N-Channel PowerTrench MOSFET 60V, 80A, 3.5mз Discrete Automotive N-Channel PowerTrench MOSFET, 60V, 80A, 0.0035 Ohms @ VGS = 10V, TO-263/D2PAK Package N-Channel PowerTrench MOSFET 60V, 80A, 3.5mOhm
|
FAIRCHILD[Fairchild Semiconductor]
|
FDP20AN06A0 FDB20AN06A0 FDB20AN06A0NL FDP20AN06A0N |
60V N-Channel PowerTrench MOSFET 60V, 45A 20mohm 45 A, 60 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel PowerTrench MOSFET 60V, 45A, 20m N-Channel PowerTrench MOSFET 60V, 45A, 20 milliohm N-Channel PowerTrench?? MOSFET 60V, 45A, 20m??? From old datasheet system N-Channel PowerTrench㈢ MOSFET 60V, 45A, 20mз N-Channel PowerTrench? MOSFET 60V, 45A, 20m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
FDP047N10 |
N-Channel PowerTrench MOSFET 100V, 164A, 4.7mOHM 100V N-Channel PowerTrench MOSFET; Package: TO-220; No of Pins: 3; Container: Rail 120 A, 100 V, 0.0047 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp.
|
FDD3690 |
100V N-Channel PowerTrench MOSFET 100V N-Channel PowerTrench MOSFET DIODE ZENER SINGLE 1000mW 6.8Vz 37mA-Izt 0.05 10uA-Ir 4Vr DO41-GLASS 5K/REEL 22 A, 100 V, 0.064 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
http:// FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FDU3706 FDD3706 |
30V N-Channel PowerTrench MOSFET 14.7 A, 20 V, 0.009 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 20V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDS3672 FDS3672NL |
N-Channel PowerTrench MOSFET 100V/ 7.5A/ 22m N-Channel PowerTrench MOSFET 100V, 7.5A, 22mз Discrete Commercial N-Channel UltraFET Trench MOSFET, 100V, 7.5A, 0.022 Ohm @ Vgs = 10V, SO-8 Package
|
FAIRCHILD[Fairchild Semiconductor]
|
FDS3992 |
N-Channel PowerTrench MOSFET 100V, 4.5A, 62mз 4.5 A, 100 V, 0.062 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET N-Channel PowerTrench MOSFET 100V/ 4.5A/ 62m
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDU6796AF071 FDD6796A |
N-Channel PowerTrench® MOSFET 25V, 5.7mOhms N-Channel PowerTrench? MOSFET 25 V, 5.7 mΩ N-Channel PowerTrench垄莽 MOSFET 25 V, 5.7 m楼?
|
Fairchild Semiconductor
|
FDC796N FDC796NNL |
30V N-Channel PowerTrench MOSFET Recommend FDC796N_F077 12.5 A, 30 V, 0.009 ohm, N-CHANNEL, Si, POWER, MOSFET 30V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDJ1027P |
P-Channel 1.8V Specified PowerTrench MOSFET 2.8 A, 20 V, 0.16 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET -20V P-Channel 1.8V Specified PowerTrench MOSFET
|
Fairchild Semiconductor, Corp.
|
FDG311N FDG311NNL |
N-Channel 2.5V Specified PowerTrench MOSFET N-Channel 2.5V Specified PowerTrench MOSFET 1900 mA, 20 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Fairchild Semiconductor, Corp.
|
|