PART |
Description |
Maker |
A16 A1616AGD2 A1616ASD2 A1616ASA2 |
SHROUDED HEADER IDC TYPE IDC的笼罩头
|
DB Lectro Inc. DB Lectro, Inc.
|
MHF20SGS MHF30SG MHF30SGS MHF24SG MHF10SGS |
IDC SHROUDED HEADER WITH LATCHES IDC的笼罩头球龙
|
Electronic Theatre Controls, Inc.
|
DBCIDCC42A40BG1 DBCIDCC42A40BS1 DBCIDCC42A30BG1 DB |
IDC SHROUDED LATCHED HEADER 1.27mm
|
Dubilier
|
DBCIDCC7B16BGA1 DBCIDCC7B26BGA1 DBCIDCC7B30BGA1 DB |
IDC SHROUDED LATCHED HEADER STRAIGHT 1.27mm
|
Dubilier
|
GB12864DHGAAMLA-V01 GB12864DHGAAMLB-V01 GB12864DHG |
INDUCTOR,SMD(0805),6.8 NH, 600 IDC,0.11 OHMS INDUCTOR,SMD(0805),82 NH, 400 IDC,0.42 OHMS SPECIFICATIONS FOR LCD MONDULE INDUCTOR,SMD(1210),15 UH, 130 IDC,3.2 OHMS INDUCTOR,SMD(1210),150 UH, 65 IDC,15 OHMS INDUCTOR,SMD(1210),1.5 UH, 370 IDC,0.85 OHMS INDUCTOR,SMD(1210),1.8 UH, 350 IDC,0.9 OHMS INDUCTOR,SMD(1210),33 UH, 70 IDC,5.6 OHMS INDUCTOR,SMD(1210),39 UH, 65 IDC,6.4 OHMS INDUCTOR ,SMD,(1812),3.3 UH, 355 IDC,0.80 OHMS INDUCTOR,SMD(1210),27 UH, 80 IDC,5 OHMS INDUCTOR,SMD1812,390UH, 80 IDC,18 OHMS POT,LINEAR TAPER,5W,100 ohm WIREWOUND,20%,shft.235"Dx.67"L INDUCTOR,SMD(0805),56 NH, 500 IDC,0.34 OHMS INDUCTOR,SMD(0805),68 NH, 500 IDC,0.38 OHMS INDUCTOR,SMD(0805),8.2 NH, 600 IDC,0.12 OHMS INDUCTOR ,SMD,(1812),10 UH, 250 IDC,1.6 OHMS INDUCTOR ,SMD,(1812),6.8 UH, 285 IDC,1.2 OHMS INDUCTOR ,SMD,(1812),15 UH, 200 IDC,2.5 OHMS INDUCTOR,SMD(1210),56 UH, 55 IDC,8 OHMS INDUCTOR,SMD(1210),5.6 UH, 200 IDC,1.8 OHMS INDUCTOR ,SMD,(1812),27 UH, 170 IDC,3.6 OHMS INDUCTOR ,SMD,(1812),33 UH, 160 IDC,4.0 OHMS INDUCTOR,TOROID,HORIZONTAL, 22.0 uH,7.0 IDC,0.015 OHM, INDUCTOR,SMD(1210),68 UH, 50 IDC,9 OHMS INDUCTOR ,SMD,(1812),0.27 UH, 635 IDS, 0.26 OHMS INDUCTOR,SMD(1210),47 UH, 60 IDC,7 OHMS INDUCTOR ,SMD,(1812),0.47UH, 545 IDC, 0.12 OHMS INDUCTOR ,SMD,(1812),39 UH, 150 IDC,4.5 OHMS INDUCTOR ,SMD,(1812),0.22 UH, 665 IDC, 0.25 OHMS INDUCTOR ,SMD,(1812),18 UH, 190 IDC,2.8 OHMS INDUCTOR,SMD1210,1UH, 400 IDC,0.44 OHMS INDUCTOR,SMD(1210),220 UH, 50 IDC,21 OHMS INDUCTOR ,SMD,(1812),150 UH, 105 IDC,9.0 OHMS INDUCTOR,SMD1008,47NH, 1000 IDC,0.16 OHMS INDUCTOR ,SMD,(1812),12 UH, 225 IDC,2.0 OHMS INDUCTOR ,SMD,(1812),120 UH, 110 IDC,8.0 OHMS INDUCTOR ,SMD,(1812),180 UH, 102 IDC,9.5 OHMS INDUCTOR ,SMD,(1812),5.6 UH, 300 IDC, 1.1 OHMS INDUCTOR ,SMD,(1812),4.7 UH, 315 IDC,1.0 OHMS INDUCTOR ,SMD,(1812),680 UH, 50 IDC,0.30 OHMS INDUCTOR ,SMD,(1812),0.56UH, 520 IDC,0.36 OHMS CAP,RADIAL,0.47uf 100V,105C 5mm x 11mm INCREMENTS of 10 规格液晶模块 INDUCTOR ,SMD,(1812),1.8 UH, 390 IDC,0.65 OHMS 规格液晶模块 INDUCTOR ,SMD,(1812),100 UH, 110 IDC,8.0 OHMS 规格液晶模块 INDUCTOR ,SMD,(1812),560 UH, 50 IDC,0.30 OHMS 规格液晶模块 MOTOR,DC,1.5-4.5V,4780RPM,0.4A 10.3G-CM,0.5W,SHFT 02X8mm 规格液晶模块 SWITCH,PB,MINI,SPDT,ON-(ON) RT ANGLE SOLDER,125VAC/5A 规格液晶模块 INDUCTOR,SMD(1210),3.9 UH, 250 IDC,1.3 OHMS 规格液晶模块 INDUCTOR,SMD(1008),0.18 UH, 620 IDC,0.77 OHMS 液晶模块规格 SIREN,PIEZO,2500/3500Hz,100dB, 5-15VDC,40mA,WIRES,BLACK 规格液晶模块 INDUCTOR,SMD,(1812) 0.18 UH, 700 IDC,0.24 OHMS 规格液晶模块 INDUCTOR ,SMD,(1812),270 UH, 92 IDC, 12 OHMS 规格液晶模块 SPECIFICATIONS FOR LCD MODULE 规格液晶模块
|
Jewel Hill Electronic Co., Ltd.
|
0554871219 55487-1219 |
2.00mm (.079) Pitch Wire-to-Board Header, Vertical, Shrouded, High Wall Type, withInner Positive Lock, Lead-free, 12 Circuits 2.00mm (.079") Pitch Wire-to-Board Header, Vertical, Shrouded, High Wall Type, withInner Positive Lock, Lead-free, 12 Circuits
|
Molex Electronics Ltd.
|
55487-0419 |
2.00mm (.079) Pitch Wire-to-Board Header, Vertical, Shrouded, High Wall Type, withInner Positive Lock, Lead-free, 4 Circuits
|
Molex Electronics Ltd.
|
0554870719 55487-0719 |
2.00mm (.079") Pitch Wire-to-Board Header, Vertical, Shrouded, High Wall Type, withInner Positive Lock, Lead-free, 7 Circuits 2.00mm (.079) Pitch Wire-to-Board Header, Vertical, Shrouded, High Wall Type, withInner Positive Lock, Lead-free, 7 Circuits
|
Molex Electronics Ltd.
|
73K324BL-IH 73K324BL-IGT 73K324BL |
22bis/V.22/V.21/V.23 Bell 212A Single-Chip Modem w/Integrated Hybrid CONN, SHROUDED HDR, 34PIN, MALE, 0.100 Four Wall Header; No. of Contacts:34; Pitch Spacing:0.1"; No. of Rows:2; Gender:Header; Body Material:Glass-filled Polyester; Contact Plating:Nickel; Leaded Process Compatible:No; Mounting Type:Through Hole RoHS Compliant: No 单芯片调制解调器瓦特/集成混合
|
List of Unclassifed Manufacturers http:// TDK Semiconductor ETC[ETC] Electronic Theatre Controls, Inc.
|
3334-6660 66F6112 3425-6600 3473-6600 3414-6600 34 |
BUCHSENLEISTE IDC STUFE2 ZUGENTL 60POL BUCHSENLEISTE IDC STUFE2 ZUGENTL 14POL Ultra-Low-Power Voltage Detectors and µP Supervisory Circuits BUCHSENLEISTE IDC STUFE2 10POL BUCHSENLEISTE IDC STUFE2 30POL BUCHSENLEISTE IDC STUFE2 ZUGENTL 40POL BUCHSENLEISTE IDC STUFE2 ZUGENTL 26POL BUCHSENLEISTE IDC的STUFE2 ZUGENTL 26POL
|
3M Company
|
FDC40-24S12 FDC40-12S05 FDC40-24D12 FDC40-12D15 FD |
CONN,HEADER,GPFA202-0255A07, 2mm,4 CKT,2 ROW,VERTICAL,15u"A CONN,HEADER,GPFA202-0355A07, 2mm,6 CKT,2 ROW,VERTICAL,15u"A PLCC,SMT SOCKET,68-PIN 隔离及规0瓦的模块式DC / DC转换 CONN,HEADER,GPFA202-0655A07, 2mm,12 CKT,2 ROW,VERTICAL,15u" 隔离及规0瓦的模块式DC / DC转换 Isolated and Regulated 40 WATT Modular DC/DC Converters 隔离及规0瓦的模块式DC / DC转换 CONN,HEADER,GPFA202-0855A07, 2mm,16 CKT,2 ROW,VERTICAL,15u" 隔离及规0瓦的模块式DC / DC转换 CONN,IDC,PLUG,50 CONTACTS, 1A,SHROUDED W/O EARS 隔离及规0瓦的模块式DC / DC转换 CONN,HEADER,GPFA202-2555A07, 2mm,50 CKT,2 ROW,VERTICAL,15u" 隔离及规0瓦的模块式DC / DC转换 SOCKET,PLCC,44PIN,SMD 隔离及规0瓦的模块式DC / DC转换 CONN,HEADER,GPFA202-0755A07, 2mm,14 CKT,2 ROW,VERTICAL,15u" 隔离及规0瓦的模块式DC / DC转换 CONN,HEADER,GPFA202-0555A07, 2mm,10 CKT,2 ROW,VERTICAL,15u" 隔离及规0瓦的模块DC / DC转换 CONN,HEADER,GPFA202-2055A07, 2mm,40 CKT,2 ROW,VERTICAL,15u" 隔离及规40瓦的模块式DC / DC转换
|
Astrodyne, Inc.
|
DBCIDCC740BS1 DBCIDCC7100BS1 DBCIDCC750BS1 DBCIDCC |
IDC BOX HEADER STRAIGHT
|
Dubilier http://
|
|