PART |
Description |
Maker |
671-293-75 671-293-87-50 671-063-62-50 671-063-91- |
?25.4mm mounting Black anodised aluminium housing
|
Marl International Limited
|
Q67040-A4463 SGW30N60 Q67040-S4237 Q67041-A4713 SG |
IGBTs & DuoPacks - 30A 600V TO247AC IGBT IGBTs & DuoPacks - 30A 600V TO263AB SMD IGBT Fast S-IGBT in NPT-Technology Fast IGBT in NPT-technology Heat Sink; Package/Case:TO-220; Thermal Resistance:16.7 C/W; Mounting Type:Through Hole; Length:29.97mm; Height:12.7mm; Width:25.4mm; Body Material:Plastic; Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes Heat Sink; Package/Case:TO-220; Thermal Resistance:16.7 C/W; Mounting Type:Through Hole; Length:29.97mm; Height:12.7mm; Width:25.4mm; Body Material:Plastic; Color:Black; Leaded Process Compatible:No RoHS Compliant: No
|
INFINEON[Infineon Technologies AG]
|
0003067023 1625-2P1BK 03-06-7023 |
1.57mm (.062") Diameter Standard .062 Pin and Socket Plug Housing, Black, 2 Circuits, Without Mounting Ears, Black 1.57mm (.062) Diameter Standard .062 Pin and Socket Plug Housing, Black, 2 Circuits, Without Mounting Ears, Black
|
Molex Electronics Ltd.
|
44170-2006 44170-0006 44170-0003 44170-0001 |
ModJack Cat5 Stacked W/Lightpipe 16 Port 256 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, JACK Modular Connector; No. of Contacts:8; No. of Ports:16; Body Material:Polyester, Glass-filled; Color:Black; Contact Termination:Through Hole; Mounting Type:Through Hole RoHS Compliant: Yes Modular Connector; No. of Contacts:8; No. of Ports:8; Body Material:Polyester, Glass-filled; Color:Black; Contact Termination:Through Hole; Mounting Type:Through Hole RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
1625-06R1-BK 1625-6R1BK 0003066062 03-06-6062 |
1.57mm (.062") Diameter Standard .062 Pin and Socket Receptacle Housing, 6 Circuits, Without Mounting Ears, Black 1.57mm (.062) Diameter Standard .062 Pin and Socket Receptacle Housing, 6 Circuits, Without Mounting Ears, Black
|
Molex Electronics Ltd.
|
T0372NBSP |
3-V CDMA/AMPS power-amplifier module 4mm x 4mm for cell band.
|
Atmel Corp
|
MAX8645YETI MAX8645YETIT |
1x/1.5x/2x White LED Charge Pumps with Two LDOs in 4mm x 4mm TQFN
|
MAXIM - Dallas Semiconductor
|
MAX97236 MAX97236EWA |
Audio Amplifier with Jack Detection 25-Bump, 2.4mm x 2.3mm, 0.4mm Pitch WLP
|
Maxim Integrated Products
|
03-09-7022 1545-P1BK 0003097022 |
2.36mm (.093) Diameter Standard .093 Pin and Socket Plug Housing, 2 Circuits, Without Mounting Ears, Black
|
Molex Electronics Ltd.
|
DC0000082 |
Federleiste 4mm SM.50 polig Female 4mm SMD. 50 contacts
|
ERNI Electronics
|
44193-0005 |
Modular Connector; No. of Contacts:6; No. of Ports:2; Body Material:PA Polyamide (Nylon), High Temperature, Glass-filled; Color:Black; Mounting Type:Through Hole RoHS Compliant: Yes
|
MOLEX INC
|