PART |
Description |
Maker |
643-501-04 643-501-04-50 643-501-04-51 643-503-04 |
?8.1mm mounting Black anodised aluminium housing
|
Marl International Limited
|
651-102-04 651-102-20 651-102-21 651-102-22 651-10 |
?12.7mm mounting Black anodised aluminium housing
|
Marl International Limited
|
665-501-04-50 665-503-04 665-512-04 665-521-04-50 |
?8.5mm mounting Hard black anodised aluminium housing
|
Marl International Limited
|
695-501-25-50 695-501-25-52 695-501-25-54 695-501- |
?12.7mm mounting Natural anodised aluminium
|
Marl International Limited
|
611-324-23 611-301-21 611-324-21 611-301-211309 61 |
high performance panel lamps Black anodised aluminium housing, sealed to IP67 Colour diffused lens
|
Marl International Limited Marl International Limi...
|
ST92F120V1Q7 ST92F120R1Q6 ST92F120JR1Q6 ST92F120JR |
8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD 8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD HEATSINK TO-220 VERT MNT W/TABS 16位产品系列闪存微控制器与RAM,EEPROM和J1850 BLPD Heat Sink; Package/Case:TO-218, TO-247; Thermal Resistance:5 C/W; Mounting Type:Screw Mount; Length:38.1mm; Height:38.1mm; Width:41.91mm; Body Material:Aluminum; Body Plating:Anodized; Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
ST Microelectronics STMicroelectronics N.V. 意法半导
|
520-330-21 520-330-22 520-330-22-15 520-324-04-15 |
PROFESSIONAL LED INDICATORS 篓陋6.1mm Mounting PROFESSIONAL LED INDICATORS ?6.1mm Mounting PROFESSIONAL LED INDICATORS ?6.1mm Mounting
|
Marl International Limited
|
SL0822101 |
TRANS,WALL,6VDC/800mA,F2 2.1mm X 5.5mm,UL,BLACK
|
Ametherm, Inc.
|
676-521-23 676-521-21 676-501-21 676-501-23 676-99 |
PROFESSIONAL LED INDICATORS ? 8.1mm Mounting
|
Marl International Limited
|
677-521-04 677-512-04 677-501-23-15 677-501-23-19 |
EMC version with internal stainless steel mesh ?8.1mm mounting
|
Marl International Limited
|
MAX16073 MAX16074 |
uP Supervisory Circuits in 4-Bump (1mm x 1mm) Chip-Scale Package
|
Maxim Integrated Products
|