PART |
Description |
Maker |
524-521-04 524-525-23 524-532-86-22 524-501-04 524 |
?8.1mm mounting Robust stainless steel housing
|
Marl International Limited
|
524-521-21-15 524-530-21-15 524-930-21-15 524-532- |
PROFESSIONAL LED INDICATORS ?8.1mm Mounting PROFESSIONAL LED INDICATORS ?8.1mm Mounting PROFESSIONAL LED INDICATORS 篓陋8.1mm Mounting
|
Marl International Limited
|
511-532-72 511-532-75 511-532-76 511-532-76-15 511 |
?12.7mm mounting Robust bright nickel plated brass housing
|
Marl International Limited
|
512-540-21 512-930-21 512-930-23 512-930-46 512-93 |
?12.7mm mounting Robust bright nickel plated brass housing
|
Marl International Limited
|
52610-1890 |
PC Board Connector; Number of Contacts:18; Pitch Spacing:1mm; Number of Rows:1; Mounting Type:PCB SMT; Body Material:PA Polyamide (Nylon) 4/6; Gender:Female
|
Molex
|
52207-1585 |
CONN,FFC,1MM OC,15POSRA(SM CONRA 15P 1MM)
|
Molex
|
ST92F120V1Q7 ST92F120R1Q6 ST92F120JR1Q6 ST92F120JR |
8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD 8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD HEATSINK TO-220 VERT MNT W/TABS 16位产品系列闪存微控制器与RAM,EEPROM和J1850 BLPD Heat Sink; Package/Case:TO-218, TO-247; Thermal Resistance:5 C/W; Mounting Type:Screw Mount; Length:38.1mm; Height:38.1mm; Width:41.91mm; Body Material:Aluminum; Body Plating:Anodized; Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
ST Microelectronics STMicroelectronics N.V. 意法半导
|
1ZC24A 1ZC43A 1ZC20A 1ZC33A 1ZC36A 1ZC12A1ZC120A E |
From old datasheet system CONSTANT VOLTAGE REGULATION TELEPHONE, PRINTER USES Card Edge Connector; Number of Contacts:36; Pitch Spacing:1mm; Tail Length:3.00mm; Contact Termination:Solder; Connector Mounting:PC Board; Contact Material:Phosphor Bronze; Contact Plating:Tin; Leaded Process Compatible:Yes Card Edge Connector; Number of Contacts:64; Pitch Spacing:1mm; Tail Length:3.00mm; Contact Termination:Solder; Connector Mounting:PC Board; Contact Material:Phosphor Bronze; Contact Plating:Tin; Leaded Process Compatible:Yes DIODE(CONSTANTVOLTAGEREGULATION) DIODE (CONSTANT VOLTAGE REGULATION) 二极管(恒压规管
|
TOSHIBA[Toshiba Semiconductor] Toshiba Corporation ToshibaSemiconductor Toshiba, Corp.
|
DC0000091 |
Messerleiste 1mm SMD, 50 polig Male 1mm SMD, 50 contacts
|
ERNI Electronics
|
A12106PHCW A644PHC A644PHCW A10106PHC A10106PHCW A |
Mounting brackets required to meet UL/CSA external mounting requirements.
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|