PART |
Description |
Maker |
94213-9014 94213-9015 |
HSG FOR HNF TERM 4 CKT BLK 4 CONTACT(S), FEMALE, COMBINATION LINE CONNECTOR HSG FOR HNF TERM 5 CKT BLACK
|
Molex, Inc. MOLEX INC
|
22-01-1063 22-01-1123 |
Connector Housing; Gender:Female; Number of Contacts:6; Series:5051-NM; Body Material:PA Polyamide (Nylon) 6/6; Number of Rows:1; Pitch Spacing:2.5mm 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP CRIMP HOUSING, 2.5MM 12WAY ; Ways, No. of:12; Colour:White; Current rating:2.5A; Dielectric strength:1500V/m; Flammability rating:UL94V-0; Force, de-mating:0.5N; Force, mating:2N; Housing type:White Nylon UL94V-0; Material:Nylon;
|
Molex, Inc. MOLEX INC
|
0506541001 50654-1001 |
1.01mm (.040) Tab-Type Female Crimp Terminal, Low Insertion Force Type, Tin Plated, AVS (CAV) 0.3, 0.5, 0.85mm2; 1.01mm (.040") Tab-Type Female Crimp Terminal, Low Insertion Force Type, Tin Plated, AVS (CAV) 0.3, 0.5, 0.85mm虏; MOLEX Connector
|
Molex Electronics Ltd.
|
49702-6702 |
2.28mm (.090") Female Crimp Terminal, Low Insertion Force Type, Small Size, Tin Plated 2.28mm (.090) Female Crimp Terminal, Low Insertion Force Type, Small Size, Tin Plated
|
Molex Electronics Ltd.
|
0350689802 35068-9802 |
MP-Lock?/a> Quick Disconnect, Female, for 16-20 AWG (1.31-0.52mm2), Metal StripTab 4.75 by 0.50mm (.187 by .020), Pre-Tin Plated, Insertion Force 1.0-2.2kgf(9.8-21.6N) MOLEX Connector
|
Molex Electronics Ltd.
|
0002091122 02-09-1122 2273-A |
2.36mm (.093) Diameter, Standard .093 Pin and Socket Crimp Terminal, Series 2273,Female, with Tin (Sn) Plated Contact, Low Engagement Force, 18-22 AWG, Reel 2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 2273,Female, with Tin (Sn) Plated Contact, Low Engagement Force, 18-22 AWG, Reel 0002091122
|
Molex Electronics Ltd. Molex Electronics Ltd1.
|
SKPEADA010 SKPEAAA010 SKPEABA010 |
Low-profile with High Operation Force (Snap-in Type)
|
ALPS ELECTRIC CO.,LTD.
|
SC-8986 |
SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 4 A, Pin Plunger Actuator, Solder Termination HNF-1 (H-205)
|
ETC SCBT[Santa Cruz Biotechnology, Inc.]
|
40-516-10 40-516-11M 24-516-11M 28-516-11M 40-516- |
Zero-Insertion-Force Socket 0 INSERTION FORCE SOCKET 40 PIN
|
Aries Electronics, Inc.
|
DLM |
Zero Insertion Force
|
ITT Industries
|
DL4 |
Zero Insertion Force
|
ITT Corporation
|
|