PART |
Description |
Maker |
STU9NC90ZI STU8NC90Z STU8NC90ZI 7291 |
7 A, 900 V, 1.38 ohm, N-CHANNEL, Si, POWER, MOSFET N-CHANNEL 900V - 1.1ohm - 7.6A Max220/I-Max220 Zener-Protected PowerMESH?III MOSFET N-CHANNEL 900V - 1.1ohm - 7.6A Max220/I-Max220 Zener-Protected PowerMESH⑩III MOSFET N-CHANNEL 900V - 1.1ohm - 7.6A Max220/I-Max220 Zener-Protected PowerMESHIII MOSFET OLD PRODUCT: NOT SUITABLE FOR NEW DESIGN-IN From old datasheet system
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STD3NK90Z STD3NK90ZFP 9193 STP3NK90ZFP STD3NK90Z-1 |
N-CHANNEL 900V - 4.1ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH⑩Power MOSFET N沟道900V - 4.1ohm -A TO-220/TO-220FP/DPAK/IPAK齐保护的SuperMESH⑩功率MOSFET N-CHANNEL 900V - 4.1ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?Power MOSFET N-CHANNEL Power MOSFET From old datasheet system N-CHANNEL 900V 4.1 OHM 3A TO-220/TO-220FP/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 900V 4.1 OHM 3A TO-220/TO-220FP/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMicroelectronics N.V. ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
STS1C1S250 |
N-CHANNEL 250V - 0.9Ohm - 0.75A SO-8 P-CHANNEL 250V - 2.1Ohm - 0.6A SO-8 MESH OVERLAY POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
STP9NK70ZFP STW9NK70Z STB9NK70Z-1 STB9NK70ZFP STB9 |
N-CHANNEL 700V 1 OHM 7.5A TO-220/TO-220FP/D2PAK/I2PAK/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 700V 1 OHM 7.5A TO-220/TO-220FP/D2PAK/I2PAK/TO-247 ZENER-PROTECTED SUPERMESH POWER MOSFET N-CHANNEL 700V - 1ohm - 7.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?Power MOSFET N-CHANNEL 700V - 1ohm - 7.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH⑩Power MOSFET N沟道高达700V - 1ohm - 7.5A的TO-220/FP/D2PAK/I2PAK/TO-247齐保护的SuperMESH⑩功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|
STB7NC70Z-1 |
N-CHANNEL 700V 1.1OHM 6A TO-220 TO-220FP I2PAK ZENER PROTECTED POWERMESH III MOSFET
|
SGS Thomson Microelectronics
|
FQI6N45 FQB6N45 |
450V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
ZXMN0545G4 ZXMN0545G4TA ZXMN0545G4TC |
450V N-CHANNEL ENHANCEMENT MODE MOSFET
|
Diodes Incorporated Zetex Semiconductors
|
IXTH30N45 |
TRANSISTOR | MOSFET | N-CHANNEL | 450V V(BR)DSS | 30A I(D) | TO-247AD
|
|
BUW12A BUW12 |
POWER TRANSISTORS(8A,400-450V,125W) POWER TRANSISTORS(8A/400-450V/125W) POWER TRANSISTORS(8A,400-450V,125W) 功率晶体管(8A400 - 450V,功率为125
|
MOSPEC[Mospec Semiconductor] Mospec Semiconductor, Corp.
|
RFM10N50 RFM10N45 |
10A 450V and 500V 0.600 Ohm N-Channel Power MOSFETs 10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs 10A/ 450V and 500V/ 0.600 Ohm/ N-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation]
|