PART |
Description |
Maker |
311201 |
50 OHM COAXIAL CABLE
|
List of Unclassifed Manufacturers
|
DBRF195 |
037 -- 50 Ohm Broadband Indoor/Outdoor Coaxial Cable
|
General Cable Technologies Corporation
|
BYW34 BYW36 BYW32 BYW33 BYW35 |
MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER Composite Data, Audio, Video, Security & Control Cable; Composite Conductor Types:2 Coaxial 8 Pairs; Number of Conductors:18; Conductor Size AWG Composite Cable; Composite Conductor Types:2 Coaxial 8 Pairs 2 Fibers; Number of Conductors:18; Conductor Size AWG:24-18; No. Strands x Strand Size Coaxial Cable; Coaxial RG/U Type:7; Impedance:75ohm; Conductor Size AWG:16; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Temperature Max:75 C RoHS Compliant: Yes
|
GE[General Semiconductor] GE Security, Inc.
|
GT1-2_1PP-HU00 GT1-2_1PP-HU10 GT1-2PP-HU10 GT1-2_1 |
Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines 在天线,传感器和通信中继同轴电缆连接 SOLID NUMBERS WIRE MARKER CARD Coaxial cable connection of Antennas/ Sensors/ and Communication Trunk Lines Coaxial cable connection of Antennas, Sensors, and Communication Trunk Lines
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC.
|
10A2 10A1 10A4 10A8 10A6 10A10 10A005 |
Video Triax Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material Coaxial Cable; Coaxial RG/U Type:11; Impedance:75ohm; Conductor Size AWG:14; No. Strands x Strand Size:Solid; Jacket Material:Foam HDPE; Capacitance Triaxial Cable; Coaxial RG/U Type:11; Impedance:75ohm; Conductor Size AWG:14; No. Strands x Strand Size:Solid; Jacket Material:Foam HDPE; Capacitance:17.3pF/ft; Leaded Process Compatible:Yes; Shielding Coverage:95% RoHS Compliant: Yes Video Triax Cable; Coaxial RG/U Type:11; Impedance:75ohm; Conductor Size AWG:14; No. Strands x Strand Size:Solid; Jacket Material:Foam HDPE; Capacitance:16.1pF/ft; Conductor Material:Copper; Jacket Color:Black RoHS Compliant: Yes MICRO MATE PLUG PCB EDGE MOUNT Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes 10.0放大器硅整流
|
Bytes
|
BYW32 BYW36 BYW35 BYW33 BYW34 |
Fast Silicon Mesa Rectifiers From old datasheet system Composite Data, Audio, Video, Security & Control Cable; Composite Conductor Types:2 Coaxial 8 Pairs 2 Fibers; Number of Conductors:18; Conductor Composite Cable; Composite Conductor Types:2 Coaxial 8 Pairs; Number of Conductors:18; Conductor Size AWG:24-18; No. Strands x Strand Size:Solid Composite Data, Audio, Video, Security & Control Cable; Composite Conductor Types:2 Coaxial 8 Pairs; Number of Conductors:18; Conductor Size AWG ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80%
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Telefunken
|
DF26A1.7-9CP-1.1V DF26A1.2-09CP-1.1V DF26A1.2-16CP |
Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:25; No. Strands x Strand Size:19 x 37; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes 1.1mm的超薄沥青压缩器 1.1mm Pitch Low Profile Compression Connectors 1.1mm的超薄沥青压缩器
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
2SD1032 2SD1032A |
CABLE ASSEMBLY; LEAD-FREE SOLDER; BNC FEMALE TO BNC FEMALE; 50 OHM, RG142B/U COAX, DOUBLE SHIELDED; 12" CABLE LENGTH; *USES STANDARD 50 OHM INTERFACE CONNECTORS* 硅npn型三重扩散型平面 SI NPN TRIPLE DIFFUSED PLANAR
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
CCSMA-MM-SS402-12 CCSMA-MM-SS402-120 CCSMA-MM-SS40 |
SS402 50 Ohm 18GHz Precision Coaxial Cables SS402 50 Ohm 18GHz Precision Coaxial Cables
|
CRYSTEK CORPORATION
|
A29512L-90 A29512L-70 A29512L-55 A29512V-55 A29512 |
Coaxial Cable; Coaxial RG/U Type:174; Impedance:50ohm; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 64K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory 64K的8位CMOS 5.0伏只,统一部门快闪记忆 Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 64K的8位CMOS 5.0伏只,统一部门快闪记忆
|
AMIC Technology Corporation AMIC Technology, Corp.
|
047-12SMP |
Coaxial Cable
|
Mini-Circuits
|