PART |
Description |
Maker |
RL1024DKQ011 |
LINEAR CCD IMAGE ARRAY,1 VERT PIXELS,1.024K HORIZ PIXELS,DIP
|
EG&G Reticon
|
UPD8891 |
(5340 x 5340) PIXELS x 3 2670 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
|
NEC Corp.
|
UPD8891CY UPD8891 |
(5340 x 5340) PIXELS x 3 2670 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
|
NEC[NEC]
|
PD8875-15 |
(5400 5400) PIXELS × 3 COLOR (5400 5400) PIXELS B&W CCD LINEAR IMAGE SENSOR
|
Renesas Electronics Corporation
|
FCD4B14 FCD4B14CC FCD4B14CCB AT71-HD20CL1010 AT71- |
500 dpi, 0.4mm x 14 mm Digital Fingerprint Linear Sensor, 2240 Pixels (8 x 280) Image Array, Digital Output (On-chip) Package. Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output AKYLA HD20 CameraLink 1010. 3-CCD color linescan camera. Data rate 20 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD20 CameraLink 1014. 3-CCD color linescan camera. Data rate 20 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD20 CameraLink 2010. 3-CCD color linescan camera. Data rate 20 MHz. Resolution 2048 pixels. Pixel size 10 um. AKYLA HD25 CameraLink 1010. 3-CCD color linescan camera. Data rate 25 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD25 CameraLink 1014. 3-CCD color linescan camera. Data rate 25 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD25 CameraLink 2010. 3-CCD color linescan camera. Data rate 25 MHz. Resolution 2048 pixels. Pixel size 10 um. AKYLA HD33 CameraLink 1010. 3-CCD color linescan camera. Data rate 33 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD33 CameraLink 1014. 3-CCD color linescan camera. Data rate 33 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD40 CameraLink 1010. 3-CCD color linescan camera. Data rate 40 MHz. Resolution 1024 pixels. Pixel size 10 um. AKYLA HD33 CameraLink 2010. 3-CCD color linescan camera. Data rate 33 MHz. Resolution 2048 pixels. Pixel size 10 um. AKYLA HD40 CameraLink 1014. 3-CCD color linescan camera. Data rate 40 MHz. Resolution 1024 pixels. Pixel size 14 um. AKYLA HD40 CameraLink 2010. 3-CCD color linescan camera. Data rate 40 MHz. Resolution 2048 pixels. Pixel size 10 um.
|
Atmel Corp. ATMEL Corporation
|
DS2890T-000 DS2890X-000 DS2890-000 DS2890P DS2890P |
128 x 128 pixel format, LED or EL Backlight available 1-Wire Digital Potentiometer
|
Dallas Semiconducotr
|
HYE25L128160AC-8 HYB25L128160AC-75 |
128-MBIT SYNCHRONOUS LOW-POWER DRAM IN CHIPSIZE PACKAGES 128 - Mbit同步低功率DRAMCHIPSIZE套票
|
Infineon Technologies A... Infineon Technologies AG
|
IDT72V70180PF |
3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 3.3V Power Supply
|
Integrated Device Technology
|
TH7834CNBSP TH7834C TH7834CCC-RB |
Very Highresolution Linear CCD Image Sensor (12000 Pixels) Very high resolution Linear CCD Image Sensor, 12000 Pixels
|
ATMEL Corporation
|
ST90T31 ST90E30L1 ST90E31D1 ST90T30C1 ST90T31B6 ST |
128 x 128 pixel format, LED or EL Backlight available 9K EPROM HCMOS MCUs WOTH A/D COMVERTER 9K章存储器HCMOS MCU的WOTH A / D转换COMVERTER
|
意法半导 STMicroelectronics N.V.
|
ZL50073GAC ZL50073GAG2 ZL50073_06 ZL50073 |
32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
|
ZARLINK[Zarlink Semiconductor Inc]
|