PART |
Description |
Maker |
MH1500AM MT500AM MH250AE MH250AJ MH250JE MH1000PR |
POWER TRANSFORMER, 1500 VA POWER TRANSFORMER, 500 VA POWER TRANSFORMER, 250 VA POWER TRANSFORMER, 1000 VA POWER TRANSFORMER, 750 VA
|
|
D3627 D3620 D3621 D3622 D3623 D3624 D3625 D3626 |
TRANSFORMER 12VA 2X 24V TRANSFORMER 12VA 2X 20V TRANSFORMER 12VA 2X15V TRANSFORMER 12VA 2X 12V TRANSFORMER 12VA 10V TRANSFORMER 12VA 2X9V TRANSFORMER 12VA 2X6V TRANSFORMER 6VA 2X 24V XC6204D362DL
|
ETC N.A.
|
EPC3029G EPC3028G |
Surface Mount Power Transformer SMPS TRANSFORMER
|
PCA ELECTRONICS INC.
|
TA750 TF3000L TA5000K |
POWER TRANSFORMER, 750 VA POWER TRANSFORMER, 5000 VA
|
|
DA2362-AL DA2362-ALD |
Flyback Transformer PoE transformer, for Freescale MC34670, SMT, RoHS 13 W, SMPS TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc.
|
500L-058X181-502 500T-058X071-501 500T-058X071-502 |
5000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 500:5 A, 2 % ACCURACY CLASS, CURRENT TRANSFORMER 4000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 400:5 A, 3 % ACCURACY CLASS, CURRENT TRANSFORMER 750:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 2500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1000:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1200:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER 1500:5 A, 1 % ACCURACY CLASS, CURRENT TRANSFORMER
|
GE Industrial Systems
|
A41-175-12A11 A41-130-12A10 |
SPLIT BOBBIN POWER TRANSFORMER, 175 VA SPLIT BOBBIN POWER TRANSFORMER, 130 VA
|
PULSE ELECTRONICS CORP
|
A41-175-10 A41-43-16 A41-80-36 |
SPLIT BOBBIN POWER TRANSFORMER, 175 VA SPLIT BOBBIN POWER TRANSFORMER, 43 VA SPLIT BOBBIN POWER TRANSFORMER, 80 VA
|
BEL FUSE INC
|
CEPH171006 6383-T273 CEPH1710 |
Power over Ethernet Transformer Power over Ethernet Transformer Type: CEPH Series Power over Ethernet Transformer<SMD Type: CEPH Series
|
http:// Sumida Corporation
|
CMD6NP-330MB CMD6NP-330MC CMD6NP-270MB CMD6NP-270M |
General Power Transformer <SMD Type: CMD Series General Power Transformer General Power Transformer Type: CMD Series
|
Sumida Corporation
|