PART |
Description |
Maker |
KDE1203PFB2-8 |
DC FAN ULTR SLIM 12V
|
Sunon
|
OD6038-24LB-VXC |
DC Fan 12V, 24V - Vaneaxial, High Pressure 60x38mm (2.36”x 1.5?
|
ORION FANS
|
V437316S04V V437316S04VXTG-10PC V437316S04VXTG-75P |
3.3 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE 3.36x 72高性能无缓冲ECC内存模块
|
Mosel Vitelic, Corp. MOSEL[Mosel Vitelic, Corp] Mosel Vitelic Corp
|
ECG2351 ECG2352 ECG2353 ECG2355 ECG2356 ECG2357 EC |
FAN AC 60X30 230V BALL, 11cfm FAN AC 80X38 120/230V BALL, 25cfm FAN AC 80X38 120/230V BALL, 18cfm FAN AC 80X35 115V BALL, 31cfm FAN AC 80X38 115V BALL, 23cfm FAN AC 80X38 115V BALL, 17cfm FAN AC 80X38 220V BALL, 31cfm FAN AC 60X30 115V BALL, 11cfm FAN AC 80X38 120/230V BALL, 13cfm FAN AC 254MM(10'') 230V, 700cfm FAN AC 254MM(10'') 230V, 555cfm FAN AC 254MM,10'' 230V BALL, 547cfm FAN AC 254MM(10'') 230V, 600cfm FAN AC 80X35 115V BALL, 23cfm 晶体管|晶体管|进步党| 50V五(巴西)总裁| 100mA的一(c)|2VAR FAN AC 254MM(10") 115V, 600cfm FAN AC 80X38 220V BALL, 17cfm
|
|
208-930-21-38 208-997-21-38 208-532-21-38 208-501- |
LED TELEPHONE SLIDE LED TELEFONSOCKEL T6.8 12V GRUEN LED TELEFONSOCKEL T6.8 12V ROT LED TELEFONSOCKEL T6.8 12V GELB LED TELEFONSOCKEL T6.8 12V BLAU 发光二极管TELEFONSOCKEL T6.8 12V的布
|
TE Connectivity, Ltd.
|
OD1238-12MBXJ10A |
DC Fan 12V 120x38mm (4.7”x 1.5?
|
ORION FANS
|
TC654 |
(TC654 / TC655) PWM Fan Speed Controllers With Fan Fault Detection
|
Microchip Technology
|
TC664EUN |
SMBus??PWM Fan Speed Controllers With Fan Fault Detection
|
Microchip Technology Inc.
|
TC652ACVUATR TC653ACVUATR |
Thermal Management Products- Brushless DC Fan Controllers & Fan Fault Detectors
|
Microchip
|
MAX662A |
12V, 30mA Flash Memory Programming Supply(12V,30mA快擦写存储器编程电源,电荷泵电压转换器) 12V30mA闪存存储器编程电
|
Maxim Integrated Products, Inc.
|
M1141 |
12V 3/5 CAR USE BLINKING LED 12V / 5使用汽车LED闪光
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC] MOSDESIGN SEMICONDUCTOR CORP
|
W27C512-45 W27C512P-12 W27C512P-45 W27C512P-70 W27 |
FAN 24 DC MUFFIN MC24H3 64K X 8 EEPROM 12V, 90 ns, PDIP28 Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes 64K X 8 ELECTRICALLY ERASABLE EPROM
|
Winbond Electronics, Corp. Winbond Electronics Corp WINBOND[Winbond]
|