PART |
Description |
Maker |
ML590PND333MLZ ML590PND824KLZ ML590PND154KLZ ML590 |
High Reliability Coupled Inductors
|
Coilcraft lnc.
|
MS590PND273MSZ MS590PND274KSZ MS590PND333MSZ MS590 |
High Reliability Coupled Inductors High Reliability Coupled Inductors
|
Coilcraft lnc.
|
MSD1260-682MLB MSD1260-473MLB MSD1260-393MLD MSD12 |
Power inductor, coupled, 10/20% tol, SMT, RoHS 2 ELEMENT, 6.8 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, coupled, 10/20% tol, SMT, RoHS 2 ELEMENT, 47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD Power inductor, coupled, 10/20% tol, SMT, RoHS 2 ELEMENT, 39 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 2 ELEMENT, 120 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 2 ELEMENT, 56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD High reliability part. For price, availability and ordering contact Coilcraft Critical Products, cp@coilcraft.com
|
Coilcraft, Inc. COILCRAFT INC
|
XQ4000E-SERIES XQ4000EX-SERIES XQ4010E-3CB196M XQ4 |
QPRO XQ4000E/EX QML High-Reliability FPGAs QPRO QML high-reliability FPGA.
|
Xilinx
|
MAX8555 MAX8555EUB MAX8555AETB MAX8555AEUB MAX8555 |
Low-Cost. High-Reliability. 0.5V to 3.3V ORing MOSFET Controllers Low-Cost, High-Reliability, 0.5V to 3.3V ORing MOSFET Controllers 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO10
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
CDP1821C CDP1821C3 FN2983 CDP1821C_3 CDP1821CD3 CD |
From old datasheet system High-Reliability CMOS 1024-Word x 1-Bit Static RAM 高可靠性的CMOS 1024字1位静态存储器 High-Reliability CMOS 1024-Word x 1-Bit Static RAM 1K X 1 STANDARD SRAM, 255 ns, CDIP16
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
ICPL2611 |
HIGH CMR / VERY HIGH SPEED OPTICALLY COUPLED ISOLATOR LOGIC GATE OUTPUT
|
ETC
|
IS725 |
6V, 50mA high CMR, very high speed optically coupled isolator logic gate output
|
ISOCOM
|
DVFL283R3SR/ES-XXX DVFL2805SDL/H-XXX DVFL2815SDL/H |
HIGH RELIABILITY HYBRID DC-DC CONVERTERS 高可靠性的混合型DC - DC变换 HIGH RELIABILITY HYBRID DC-DC CONVERTERS 高可靠性的混合DC - DC变换
|
Delta Electronics, Inc.
|
AMA2805D_CH AMA2805D/CH AMA2805D/EM AMA2805S/CH AM |
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER 2-OUTPUT 5 W DC-DC REG PWR SUPPLY MODULE HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC-DC CONVERTER
|
International Rectifier
|
BR24T1MNUXWGE2 BR24T1MNUXWGTR BR24T32FJWGE2 BR24T3 |
High Reliability Serial EEPROMs Other devices than EEPROM can be connected to the same port, saving microcontroller port High Reliability Serial EEPROMs
|
Rohm
|
GD751SD |
The GD751SD is designed for high speed switching for detection and high reliability.
|
E-Tech Electronics LTD
|