PART |
Description |
Maker |
EVAL-CONTROLBRD2 EVAL-AD7450CB AD7450ARM AD7450BR |
Differential Input, 1MSPS, 12-Bit ADC in SO-8 and S0-8 Differential Input, 1MSPS, 12-Bit ADC in レSO-8 and S0-8 Differential Input/ 1MSPS/ 12-Bit ADC in SO-8 and S0-8 Differential Input, 1MSPS, 12-Bit ADC in μSO-8 and S0-8
|
Analog Devices, Inc.
|
AD7476 AD7477 |
1MSPS,12-Bit ADCs in 6 Lead SOT-23(12位高低逐次逼近式A/D转换 1MSPS,10 Bit ADCs in 6 Lead SOT-23(10位高低逐次逼近式A/D转换 1MSPS0引脚SOT - 230位高速,低耗,逐次逼近式的A / D转换器位ADC
|
Analog Devices, Inc.
|
AD7450BR AD7450BRM EVAL-CONTROLBRD2 AD7450AR AD745 |
Differential Input, 1MSPS, 12-Bit ADC in レSO-8 and S0-8 Differential Input, 1MSPS, 12-Bit ADC in SO-8 and S0-8
|
AD[Analog Devices]
|
ISL26708 ISL26708IHZ-T ISL26708IRTZ ISL26708IHZ-T7 |
12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
|
Intersil Corporation
|
EVAL-AD7475 AD7495CB EVAL-AD7495CB |
Evaluation Board for 1MSPS/ 12-Bit ADC Evaluation Board for 1MSPS, 12-Bit ADC
|
AD[Analog Devices]
|
AK9243 |
AFE with Dual 16/14-Bit 1.1MSPS ZDS A/D Converter
|
Asahi Kasei Microsystem...
|
LTC1196-1ACS8-PBF LTC1196-1ACS8-TRPBF LTC1196-1BCS |
8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
|
Linear Technology
|
LTC2393ILX-16 LTC2393ILX-16PBF LTC2393CLX-16 LTC23 |
16-Bit, 1Msps SAR ADC With 94dB SNR
|
Linear Technology
|
MAX11121 MAX11120 MAX11122 MAX11123 MAX11124 MAX11 |
1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
|
Maxim Integrated Products
|
LTC2378CMS-16 LTC2378IMS-16 |
16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
|
Linear Dimensions Semicondu... Linear Dimensions Semic...
|
AD7492AR |
1MSPS 4mW Internal Ref & Clk 12-Bit Parallel ADC
|
Analog Devices
|
PHEP3 PHEP1 PHEP2 |
8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C PH TESTER 8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C PH值测试仪
|
International Rectifier, Corp.
|