PART |
Description |
Maker |
M80-5421242 M80-5423442 |
Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, with jackscrews 3.5mm board mount, 6 6-way 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, with jackscrews 3.5mm board mount, 17 17-way
|
Harwin PLC HARWIN INC
|
M80-5403442 M80-5415022 HARWININC-M80-5401242 |
Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin, with jackscrews board mount, 17 17-way 34 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 4.5mm PC Tail Connector, selective gold tin/lead, with jackscrews board mount, 25 25-way 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5304242 M80-5302022 M80-5303442 M80-5301422 M8 |
Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin, with jackscrews, 21 21-way 42 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin/lead, with jackscrews, 10 10-way 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin, with jackscrews, 17 17-way 34 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin/lead, with jackscrews, 7 7-way 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin/lead, with jackscrews, 25 25-way 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 38 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC Molex, Inc. HARWIN INC
|
M80-5835005 |
DATAMATE J-TEK DIL MALE DIL SMALL BORE CRIMP
|
Harwin Plc
|
B5740-226-F-C-2 B5740-218-F-C-0 B5741-218-F-N-0 B5 |
BS Datamate L-Tek DIL Female Small Bore Crimp Connector, gold clip gold shell, 13 13-way 26 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET BS Datamate L-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, 9 9-way 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET BS Datamate L-Tek DIL Female Vertical 1.3mm PC Tail Connector, gold clip tin/lead shell, 9 9-way 18 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET BS Datamate L-Tek DIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 10 10-way 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET BS Datamate L-Tek DIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 17 17-way 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET BS Datamate L-Tek SIL Female Vertical 3mm PC Tail Connector, gold clip tin/lead shell, 5-way 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET BS Datamate L-Tek SIL Male Vertical 3mm PC Tail Connector, unlatched, gold, 5-way 5 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG BS Datamate L-Tek SIL Male Horizontal 3mm PC Tail Connector, unlatched, selective gold tin/lead, 5-way 5 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG BS Datamate L-Tek SIL Female Vertical 1.3mm PC Tail Connector, gold clip tin/lead shell, 3-way 3 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET BS Datamate L-Tek SIL Male Vertical 3mm PC Tail Connector, latched, selective gold tin/lead, 2-way 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG BS Datamate L-Tek SIL Male Horizontal 3mm PC Tail Connector, unlatched, selective gold tin/lead, 2-way 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, PLUG BS Datamate L-Tek SIL Male Vertical 3mm PC Tail Connector, unlatched, gold, 6-way 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG BS Datamate L-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, 4 4-way 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET BS Datamate L-Tek DIL Female Small Bore Crimp Connector, gold clip gold shell, 4 4-way 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET BS Datamate L-Tek DIL Female Vertical 1.3mm PC Tail Connector, gold clip gold shell, 2 2-way 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET BS Datamate L-Tek DIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 7 7-way 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET BS Datamate L-Tek DIL Female Large Bore Crimp Connector, gold clip tin shell, 8 8-way 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, SOCKET BS Datamate L-Tek SIL Male Vertical 3mm PC Tail Connector, unlatched, selective gold tin/lead, 3-way 3 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG BS Datamate L-Tek DIL Male Vertical 3mm PC Tail Connector, latched, selective gold tin/lead, 10 10-way 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG BS Datamate L-Tek DIL Male Horizontal 3mm PC Tail Connector, unlatched, gold, 8 8-way BS Datamate L-Tek DIL Male Horizontal 3mm PC Tail Connector, unlatched, gold, 5 5-way BS Datamate L-Tek SIL Male Horizontal 3mm PC Tail Connector, unlatched, gold, 17-way BS Datamate L-Tek SIL Male Horizontal 3mm PC Tail Connector, unlatched, selective gold tin/lead, 17-way BS Datamate L-Tek DIL Female Small Bore Crimp Connector, gold clip tin shell, 7 7-way BS Datamate L-Tek SIL Male Vertical 3mm PC Tail Connector, unlatched, selective gold tin/lead, 7-way BS Datamate L-Tek DIL Female Vertical 1.3mm PC Tail Connector, gold clip gold shell, 6 6-way BS Datamate L-Tek DIL Female Vertical 3mm PC Tail Connector, gold clip tin/lead shell, 10 10-way BS Datamate L-Tek SIL Female Small Bore Crimp Connector, gold clip tin shell, 4-way BS Datamate L-Tek SIL Female Vertical 1.3mm PC Tail Connector, gold clip gold shell, 2-way BS Datamate L-Tek SIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 5-way BS Datamate L-Tek SIL Female Vertical 1.3mm PC Tail Connector, gold clip gold shell, 5-way BS Datamate L-Tek SIL Female Vertical 3mm PC Tail Connector, gold clip gold shell, 2-way
|
Harwin PLC HARWIN INC
|
M80-5504822 |
Datamate J-Tek DIL Male Horizontal 3mm PC Tail Connector, selective gold tin/lead, no jackscrews, 24 24-way 48 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5431042 M80-5431022 M80-5433042 |
Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin, with jackscrews 5mm board mount, 5 5-way 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Datamate J-Tek DIL Male Horizontal SMT Connector, selective gold tin/lead, with jackscrews 5mm board mount, 5 5-way 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT 30 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Harwin PLC HARWIN INC
|
M80-8872001 M80-8872005 M80-88720T6 M80-8872601 M8 |
DATAMATE 2mm PITCH DIL VERTICAL PC TAIL SOCKET ASSEMBLY
|
Harwin Plc
|
M80-5T10422MC M80-5T15022MC M80-5T10442MC M80-5T15 |
DATAMATE J-TEK DIL VERT 3mm PC-TAIL MALE ASSY WITH 101LOK RETAINERS
|
Harwin Plc
|
SR3.3TC SR3.3TG |
RailClamp Low Capacitance TVS Diode Array Datamate Trio-Tek DIL Female Housing, with Hex Slotted jackscrews, 5 5-way
|
SEMTECH[Semtech Corporation] Semtechoration
|
|