PART |
Description |
Maker |
AND8139D NL17SV16XV5T2 AND8139 NL17SV00XV5T2 NL17S |
2-Input OR Gate, Ultra-Low Voltage Non Inverting Buffer, Ultra Low Voltage Single 2-Input NOR Gate, Ultra-Low Voltage Single 2-Input NAND Gate, Ultra-Low Voltage ULTRA-LOW VOLTAGE MINIGATE DEVICES SOLVE 1.2 V INTERFACE PROBLEMS
|
ONSEMI[ON Semiconductor]
|
PQ50090QGB11 PQ50090QGB11NNS |
Input under-voltage lockout disables converter at low input voltage
|
SynQor Worldwide Headqu...
|
MC74LCX258DR2 MC74LCX258DR2G MC74LCX258DTR2 MC74LC |
Low-Voltage CMOS Quad 2-Input Multiplexer; Package: SOIC 16 LEAD; No of Pins: 16; Container: Rail; Qty per Container: 48 Low-Voltage CMOS Quad 2-Input Multiplexer; Package: TSSOP-16; No of Pins: 16; Container: Rail; Qty per Container: 96 Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V−Tolerant Inputs and Outputs (3−State, Inverting) Low-Voltage Quad 2-Input Multiplexer with 5V-Tolerant Inputs and Outputs (3-State, Inverting)
|
ONSEMI[ON Semiconductor]
|
PQ09RG11 PQ12RG11 PQ09RG1 PQ12RG1 PQ05RG1 PQ05RG11 |
Low Power-Loss Voltage Regulators(Built-in Reverse Voltage Protection Function Between Input and Output) LOW POWER-LOSS VOLTAGE REGULATORSBUILT-IN REVERSE VOLTAGE PROTECTION FUNCTION BETWEEN INPUT AND OUTPUT
|
SHARP[Sharp Electrionic Components]
|
MAX1589 MAX1589ETA MAX1589EZT-T MAX1589EZT075-T MA |
Low-input-voltage, 500mA LDO regulator with RESET, out=0.75V Low-Input-Voltage 500mA LDO Regulator with RESETin SOT and TDFN Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN Low-input-voltage, 500mA LDO regulator with RESET, out=3.0V
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
CA3420 |
Op Amp, BiMOS, Low Supply Voltage, Low Input Current, 0.5MHz, V to 0V Supply Voltage
|
Intersil
|
MAX535 MAX5351ACPA MAX5351ACUA MAX5351AEPA MAX5351 |
Low-Power 13-Bit Voltage-Output DACs with Serial Interface Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:23-35 RoHS Compliant: No Low-Power / 13-Bit Voltage-Output DACs with Serial Interface Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDSO8 Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDIP8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ISL21009MEP |
High Voltage Input Precision Low Noise FGA Voltage References
|
Intersil Corporation
|
MIC482609 |
Low Input Voltage, 160VPP Output Voltage, EL Driver
|
Micrel Semiconductor
|
MIC482705 |
Low Input Voltage, 180VPP Output Voltage, EL Driver
|
Micrel Semiconductor
|