PART |
Description |
Maker |
WEJ78L08-SOT-32-L |
Three-terminal positive voltage regulato
|
SHENZHEN YONGERJIA INDUSTRY CO.,LTD
|
NJM78L00 NJM78L00A NJM78L00EA NJM78L00UA NJM78L08A |
6 V FIXED POSITIVE REGULATOR, PBCY3 3-Terminal Positive Voltage Regulator(18V端正电压稳压 三端正电压稳压器8V的三端正电压稳压器) 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 3-Terminal Positive Voltage Regulator(24V端正电压稳压 三端正电压稳压器4V的,3端正电压稳压器) 三端正电压稳压器5V的,3端正电压稳压器) 3-Terminal Positive Voltage Regulator(2.6V端正电压稳压 3-Terminal Positive Voltage Regulator(8V端正电压稳压 FIXED POSITIVE REGULATOR, PDSO8
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
IP3R18AV-05 IP3R18AV-12 IP3R18AV-15 IP3R18V-15 IP1 |
5 AMP POSITIVE VOLTAGE REGULATORS Circular Connector; No. of Contacts:79; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:20-35 RoHS Compliant: No 5.0 AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PSFM3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 CAT5E PATCH CABLE 350MHZ, ST-PIN, USOC-BGE 12 V FIXED POSITIVE REGULATOR, MBFM2 Voltage Regulator 15 V FIXED POSITIVE REGULATOR, MBFM2 5.0 AMP POSITIVE VOLTAGE REGULATOR 12 V FIXED POSITIVE REGULATOR, PSFM3 Voltage Regulator 5 V FIXED POSITIVE REGULATOR, MBFM2 13W3 MALE-4BNC, MALE ADAPTER C
|
SEME-LAB[Seme LAB] TT electronics Semelab Limited TT electronics Semelab, Ltd. Vishay Intertechnology, Inc. SEMELAB LTD
|
AN77L00 AN77L00M AN77L03 AN77L035 AN77L035M AN77L0 |
Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, Cell with body o-ring, 10 Vdc excitation 5 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PSSO3 3-pin Low Power Loss Voltage Regulato r(100mA Type) Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, flush mount with flange, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Absolute, 1/4-18 NPT, 10 Vdc excitation Series 3-Pin Low Power Loss Voltage Regulator Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/8-27 NPT, 10 Vdc excitation Pressure Transducer, Series 19 mm, Compensated, Pressure Range: 0 psi to 30 psi, Gage, 1/4-18 NPT, 10 Vdc excitation 3-pin Low Power Loss Voltage Regulato (100mA Type)
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
MC78L05AA MC78L05AACP MC78L05ACD MC78L05ACH MC78L0 |
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS Search --To LM78L05ACZ 5.0 AMP POSITIVE VOLTAGE REGULATOR 12 V FIXED POSITIVE REGULATOR, PSSO3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 5.0 AMP POSITIVE VOLTAGE REGULATOR 9 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PBCY3
|
FAIRCHILD[Fairchild Semiconductor] Fairchild semiconductors http:// Fairchild Semiconductor, Corp.
|
IP78M12A-LCC4 IP78M12-LCC4 IP78M15A-LCC4 IP78M15-L |
0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,5V绋冲????剁?琛ㄨ创灏??)) Voltage Regulator 电压调节 0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE 15 V FIXED POSITIVE REGULATOR, CQCC18 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,15V稳压陶瓷表贴封装)) 0.5安培正电压稳压器在陶瓷表面贴装封装(0.5甲,15V的稳压器(陶瓷表贴封装) 0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE 5 V FIXED POSITIVE REGULATOR, CQCC18 Power Resistor; Series:TWW; Resistance:15ohm; Resistance Tolerance: /- 5 %; Power Rating:5W; Voltage Rating:350V; Temperature Coefficient:400ppm/ C 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,12V稳压陶瓷表贴封装)) 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,5V稳压陶瓷表贴封装)) 0.5 AMP Positive Voltage Regulator In Ceramic Surface Mount Package(0.5 A ,12V绋冲????剁?琛ㄨ创灏??))
|
Honeywell International, Inc. TT electronics Semelab, Ltd. TT electronics Semelab Limited Semelab(Magnatec) SEME-LAB[Seme LAB] SEMELAB LTD
|
NCV612 NCV612SQ15T1 NCV612SQ18T1 NCV612SQ25T1 NCV6 |
From old datasheet system 100 mA CMOS Low Iq Voltage Regulator in an SC70-5 2.5 V FIXED POSITIVE REGULATOR, PDSO5 100 mA CMOS Low Iq Voltage Regulator in an SC70-5 一?毫安的CMOS低lq稳压器采用SC70 - 5 100 mA CMOS Low Iq Voltage Regulator in an SC70-5 3.3 V FIXED POSITIVE REGULATOR, PDSO5
|
ONSEMI[ON Semiconductor] NXP Semiconductors N.V.
|
GT2123 GT2123-AD |
C M O S P o s i t i v e V o l t a g e R e g u l a t o r CMOS POSITIVE VOLTAGE REGULATOR
|
E-Tech Electronics LTD GTM CORPORATION
|
GT2133 GT2133-28 GT2133-35 GT2133-25 GT2133-15 GT2 |
C M O S P o s i t i v e V o l t a g e R e g u l a t o r CMOS POSITIVE VOLTAGE REGULATOR
|
E-Tech Electronics LTD GTM CORPORATION
|
GQ2141 |
CMOS POSITIVE VOLTAGE REGULATOR
|
GTM CORPORATION
|
GQ2181 |
CMOS POSITIVE VOLTAGE REGULATOR
|
GTM CORPORATION
|