PART |
Description |
Maker |
S3P72K8 S3C72K8 |
singl-chip CMOS microcontroller
|
SAMSUNG[Samsung semiconductor]
|
RC1313EFR-N-0.1-4-5-2101 RC1313TC-N-0.1-4-5-2101 R |
RC NETWORK, ISOLATED, 0.5W, 330ohm, 200V, 0.25uF, THROUGH HOLE MOUNT, 2 RC NETWORK, ISOLATED, 0.5W, 56ohm, 630V, 1uF, THROUGH HOLE MOUNT, 2 RC NETWORK, ISOLATED, 0.5W, 56ohm, 630V, 0.5uF, THROUGH HOLE MOUNT, 2 RC NETWORK, ISOLATED, 0.5W, 100ohm, 200V, 1uF, THROUGH HOLE MOUNT, 2 RC NETWORK, ISOLATED, 0.25W, 39ohm, 630V, 0.1uF, THROUGH HOLE MOUNT, 2 RC NETWORK, ISOLATED, 0.25W, 680ohm, 630V, 0.1uF, THROUGH HOLE MOUNT, 2 RC NETWORK, ISOLATED, 0.5W, 220ohm, 630V, 0.1uF, THROUGH HOLE MOUNT, 2 RC NETWORK, ISOLATED, 0.25W, 27ohm, 630V, 0.25uF, THROUGH HOLE MOUNT, 2 RC NETWORK, ISOLATED, 0.5W, 150ohm, 630V, 0.25uF, THROUGH HOLE MOUNT, 2 RESISTOR-CAPACITOR NETWORKS
|
ELECTRONIC FILM CAPACITORS INC Electronic Film Capacitors, Inc.
|
ADUM6132 ADUM6132ARWZ ADUM6132ARWZ-RL |
Isolated Half-Bridge Driver with Integrated Isolated High-Side Supply
|
Analog Devices
|
ZSLS7031 |
Isolated and Non-isolated Flyback LED Driver with Active PFC
|
List of Unclassifed Manufacturers
|
CME0505DC CME0505DPC CME0505SC CME0505SPC CME0505S |
Isolated 0.75W Single Output Isolated DC/DC Converters
|
Murata Power Solutions ...
|
CRE1 CRE1S0505MC CRE1S0505MEC CRE1S0505S3C CRE1S05 |
Isolated 1W Single Output Isolated DC-DC Converters
|
Murata Power Solutions ...
|
BTB08 BTA08 |
Discrete Triacs(Non-Isolated/Isolated)
|
Sirectifier Semiconductors Sirectifier Global Corp.
|
V7PD-15C V7PD-15C250H V7PD-15C120 V7PD-15C120H V7P |
Non-Isolated DC/DC Converters 非隔离式DC / DC转换 NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 15A
|
HIROSE ELECTRIC Co., Ltd. BEL[Bel Fuse Inc.]
|
S7AH-07C120 S7AH-07C150 S7AH-07C180 V7AH-07C250 S7 |
Non-Isolated DC/DC Converters 非隔离式DC / DC转换 NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 0.9V - 2.5V Output / 7A
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1 |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
|