PART |
Description |
Maker |
IPC912-211-FL-CAN |
Supports CAN Bus module
|
Axiomtek Co., Ltd.
|
AT25010A AT25040A AT25020A |
1/2/4k, SPI Bus Serial EEPROM, High Speed, supports SPI Mode 0 and 3.
|
Atmel
|
88PA6220 |
Fast, wide bus supports fast page processing
|
Maxwell Technologies
|
BR24L64FJ-WE2 BR24L02FVM-WTR BR24L04NUX-WTR BR24L0 |
I2C BUS 64Kbit(8192x8bit) EEPROM I2C BUS 2Kbit(256x8bit) EEPROM I2C BUS 4Kbit(512x8bit) EEPROM I2C BUS 1Kbit(128x8bit) EEPROM I2C BUS 8Kbit(1024x8bit) EEPROM I2C BUS 16Kbit(2048x8bit) EEPROM I2C BUS 32Kbit(4096x8bit) EEPROM
|
ROHM
|
AT76C504A |
AT76C504A single-chip MAC and Baseband with low power ARM7TDMI?RISC processor (supports Antenna Diversity Algorithm, Automatic Receive Gain Control, Transmit Gain Control, Transmit Filter for Japanese Regulatory and Differential or Single 802.11b Baseband and Media Access Controller (MAC) for PCMCIA Bus
|
ATMEL[ATMEL Corporation]
|
MA4082 MA4051 MAZ40390H MAZ4200 MAZ42000H MAZ42000 |
DO-34-A1 Oscillator; Frequency:14.31818MHz; Frequency Tolerance:30ppm; Load Capacitance:50pF; Supply Voltage:5V; Crystal Terminals:Through Hole; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Package/Case:14-DIP; No. of Pins:4 RoHS Compliant: Yes Hex Inverting Drivers 20-LCCC -55 to 125 Hex Inverting Drivers 14-CDIP -55 to 125 Octal Bus Transceivers With 3-State Outputs 20-CDIP -55 to 125 Octal Bus Transceivers With 3-State Outputs 20-LCCC -55 to 125 Silicon planar type 33 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4-Bit Bidirectional Universal Shift Registers 16-CDIP -55 to 125 4.3 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon planar type 3.5 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Octal Buffers And Line Drivers With 3-State Outputs 20-CFP -55 to 125 5.8 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 8-Input Positive-NAND Gates 14-CDIP -55 to 125 7 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Silicon planar type 8.2 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-34 Hex Drivers 14-CFP -55 to 125 18 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Hex Drivers 14-CDIP -55 to 125 17.3 V, 0.37 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE USB interface embedded modem module V92, 56k data, fax and voice supports Linux, Windows, Mac O/S supports Linux CDC-ACM compliant Global telecom and safety compliant Small-signal device - Diodes - Zener Diodes
|
http:// Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
RPM851ASERIES A5800626 RPM851 RPM851A |
IrDA wireless communication transceiver IC (supports Ver.1.0) From old datasheet system IrDA wireless communication transceiver IC (supports Ver.1.o)
|
Rohm CO.,LTD.
|
NA-551 |
Supports power redundant
|
Axiomtek Co., Ltd.
|
P1158-834 |
Supports dimming control
|
Axiomtek Co., Ltd.
|
IPC912-211-FL |
Supports 2 expansion slots
|
Axiomtek Co., Ltd.
|
561-DSP500 561-DSP437 561-DSP375 561-DSP750 561-DS |
PCB Supports, DSP Series
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
|