PART |
Description |
Maker |
2N3404 GES5816-J1 HS5306 HS5306A HS5308 HS5308A HS |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR CONNECTOR ACCESSORY 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR Small Signal Transistors 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
MM3006 MM5416 MM4001 MM421 BSY52 BSY53 BSY54 BSY56 |
Small Signal Transistors 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
BC368 BC368ZL1 BC369ZL1G BC368ZL1G BC369 BC369ZL1 |
Amplifier Transistors 1000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 Amplifier Transistors 1000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Small Signal Plastic Transistor
|
ONSEMI[ON Semiconductor]
|
MMBF4391LT1 MMBF4391LT1G MMBF4392L MMBF4393LT1G MM |
Small Signal JFET JFET Switching Transistors 30 V, N-CHANNEL, Si, SMALL SIGNAL, JFET, TO-236AB JFET Switching Transistors 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236
|
ONSEMI[ON Semiconductor]
|
2N3509 2N5581 2N2605 2N3737 2N3485A 2N3648 2N3486A |
Small Signal Transistors 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-46
|
Central Semiconductor C... CENTRAL[Central Semiconductor Corp] Central Semiconductor, Corp.
|
2N3134 2N3299 2N3252 2N3439 2N2854 2N2855 2N3110 2 |
SHROUDED HEADER 14 POS RT ANGLE NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 HEADER, 100MIL, 10PIN, VERTICAL, TH SHROUDED HEADER 10 POS RT ANGLE CONN, HEADER 2X5 PINS .10X.10 CENTERS STRAIGHT SHROUDED,LOW
|
Central Semiconductor C... Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] http://
|
CMLT2222A |
SMD Small Signal Transistor Dual NPN General Purpose Amplifier/Switc SURFACE MOUNT PICOmini DUAL NPN SMALL SIGNAL SILICON SWITCHING TRANSISTORS
|
CENTRAL[Central Semiconductor Corp]
|
MMSTA06 SSTA06 MPSA06 |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) NPN General Purpose Transistor
|
ROHM[Rohm]
|
UMT2907A MMST2907 SST2907A MMST2907A PN2907A |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) PNP Medium Power Transistor (Switching)
|
ROHM[Rohm]
|
2SD2470 A5800325 2SD2142K |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) From old datasheet system High Gain Amplifier Transistor
|
Rohm
|
NTE128P NTE129P |
1000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO237 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO237 Silicon Complementary Transistors General Purpose Amp
|
NTE[NTE Electronics]
|
|