PART |
Description |
Maker |
STP16NE06 STP16NE06FP 5315 P16NE |
11 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel 60V-0.08Ω-16A- TO-220/TO-220FP STripFETTM Power MOSFET(N沟道功率MOSFET) N沟道60V0.08Ω- 16A条,TO-220/TO-220FP STripFETTM功率MOSFET(不适用沟道功率MOSFET的) N-CHANNEL Power MOSFET From old datasheet system N - CHANNEL 60V - 0.08 - 16A - TO-220/TO-220FP STripFET? POWER MOSFET N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET N-CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HUF76423S3S HUF76423P3 FN4708 HUF76423S3ST HUF7642 |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 36A条(丁)|63AB N-Channel NexFET Power MOSFET 8-SON -55 to 150 33A, 60V, 0.035 Ohm, N-Channel, Logic Level UltraFET Power MOSFET From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HUF76432P3 FN4673 HUF76432S3S HUF76432S3ST |
TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 56A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 60V的五(巴西)直|6A条(丁)|63AB Dual Differential Drivers And Receivers 16-TSSOP -40 to 85 59 A, 60 V, 0.019 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFET From old datasheet system
|
Intersil, Corp. Intersil Corporation
|
STN3NE06 4877 |
N-Channel 60V-0.08Ω-3A - SOT-223 STripFETTM Power MOSFET(N沟道功率MOSFE N - CHANNEL 60V - 0.08ohm- 3A - SOT-223 STripFET POWER MOSFET N - CHANNEL 60V - 0.08W - 3A - SOT-223 STripFET] POWER MOSFET From old datasheet system
|
意法半导 STMicroelectronics
|
STB45NF06 |
N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFETPOWER MOSFET N沟道60V 0.022ohm - 38A条采用D2PAK STripFET⑩功率MOSFET N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFET⑩ POWER MOSFET N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFET POWER MOSFET N-CHANNEL 60V 0.022OHM 38A D2PAK STRIPFET POWER MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IRF9Z14S IRF9Z14L IRF9Z14STRL IRF9Z14STRR |
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A) 功率MOSFET(减振钢板基本\u003d- 60V的,的Rds(on)\u003d 0.50ohm,身份证\u003d- 6.7A Power MOSFET(Vdss=-60V/ Rds(on)=0.50ohm/ Id=-6.7A) HEXFET? Power MOSFET -60V Single P-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFD014 |
Power MOSFET(Vdss=60V/ Rds(on)=0.20ohm/ Id=1.7A) Power MOSFET(Vdss=60V, Rds(on)=0.20ohm, Id=1.7A) 60V Single N-Channel HEXFET Power MOSFET in a HEXDIP package
|
International Rectifier
|
FDMS5352 |
60V N-Channel Power Trench MOSFET; Package: Power 56 (PQFN); No of Pins: 8; Container: Tape & Reel 60V N-Channel Power TrenchMOSFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
RF1K49154 FN4143 |
2A, 60V, 0.130 Ohm, Dual N-Channel, LittleFETPower MOSFET 2A, 60V, 0.130 Ohm, Dual N-Channel, LittleFET Power MOSFET 2A 60V 0.130 Ohm Dual N-Channel LittleFET Power MOSFET From old datasheet system 2A, 60V, 0.130 Ohm, Dual N-Channel, LittleFET⑩ Power MOSFET
|
INTERSIL[Intersil Corporation]
|
FQP17P06 FQP17P06J69Z |
17 A, 60 V, 0.12 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220 60V P-Channel MOSFET 60V N-Channel MOSFET
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
STS3DNE60L 6083 |
N - CHANNEL 60V - 0.065ohm - 3A SO-8 STripFET POWER MOSFET From old datasheet system N - CHANNEL 60V - 0.065 - 3A SO-8 STripFET TM POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|