PART |
Description |
Maker |
IRF1404Z IRF1404ZL IRF1404ZS |
40V Single N-Channel HEXFET Power MOSFET in a TO-262 package 40V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 40V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Advanced Process Technology
|
International Rectifier
|
IRF1404L IRF1404S IRF1404STRR IRF1404STRL IRF1404S |
40V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=40V/ Rds(on)=0.004ohm/ Id=162A) Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A?
|
International Rectifier
|
STP100NF04 STB100NF04 STB100NF04-1 |
N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET?/a> II POWER MOSFET N-CHANNEL 40V 0.0043 OHM 120A TO-220/D2PAK/I2PAK STRIPFET II POWER MOSFET N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET II POWER MOSFET N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET⑩ II POWER MOSFET N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFETII POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
FDS4141F085 FDS4141 |
P-Channel PowerTrench? MOSFET -40V, -10.8A, 19.0mΩ P-Channel PowerTrench垄莽 MOSFET -40V, -10.8A, 19.0m楼?
|
Fairchild Semiconductor
|
IRFU3504 IRFR3504 |
40V Single N-Channel HEXFET Power MOSFET in a I-Pak package From old datasheet system AUTOMOTIVE MOSFET 40V Single N-Channel HEXFET Power MOSFET in a D-Pak package
|
IRF[International Rectifier]
|
DMN4015LK3 DMN4015LK3-13 |
13.5 A, 40 V, 0.015 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA GREEN, PLASTIC, TO-252, 3 PIN 40V N-CHANNEL ENHANCEMENT MODE MOSFET
|
Diodes, Inc. Diodes Incorporated
|
FDB844510 FAIRCHILDSEMICONDUCTORCORP-FDB8445F085 F |
40V N-Channel PowerTrenchMOSFET N-Channel PowerTrench? MOSFET 40V, 70A, 9mΩ
|
Fairchild Semiconductor
|
FDB844110 FDB8441-F085 FDB8441F085 |
40V N-Channel PowerTrenchMOSFET N-Channel PowerTrench? MOSFET 40V, 80A, 2.5mΩ
|
Fairchild Semiconductor
|
FDS4480 FDS4480NL |
40V N-Channel PowerTrench MOSFET 10.8 A, 40 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDD414110 FDD424310 |
P-Channel PowerTrench? MOSFET -40V, -50A, 12.3mΩ P-Channel PowerTrench? MOSFET -40V, -14A, 64mΩ
|
Fairchild Semiconductor
|
IRF2204 |
40V Single N-Channel HEXFET Power MOSFET in a TO-220AB package AUTOMOTIVE MOSFET
|
International Rectifier
|