PART |
Description |
Maker |
ATF16V8B ATF16V8BQ ATF16V8BQL |
250 gate electrically erasable PLD, 20 pins, standard power, 5V 250 gate electrically erasable PLD, 20 pins, quarter power, 5V 250 gate electrically erasable PLD, 20 pins, quarter and low power, 5V
|
Atmel
|
CM400DU-5F |
Trench Gate Design Dual IGBTMOD?/a> 400 Amperes/250 Volts Trench Gate Design Dual IGBTMOD⑩ 400 Amperes/250 Volts Trench Gate Design Dual IGBTMOD 400 Amperes/250 Volts Trench Gate Design Dual IGBTMOD400 Amperes/250 Volts
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors]
|
APT10025JLC |
Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:25-61 RoHS Compliant: No Power MOS VITM is a new generation of low gate charge, high voltage N-Channel enhancement mode power MOSFETs POWER MOS VI 1000V 34A 0.250 Ohm
|
Advanced Power Technology Ltd. ADPOW[Advanced Power Technology]
|
C44AFGR6250ZA0J |
Film, Metallized Polypropylene, Power, C44A, 250 uF, 5%, 400 V, 250 V
|
Kemet Corporation
|
MJ15024 MJ15022 ON1983 |
16 AMPERE SILICON POWER TRANSISTORS 200 AND 250 VOLTS 250 WATTS From old datasheet system
|
ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
MMFT107T1D MMFT107T3 MMFT107T1 MMFT107 MMFT107T1-D |
Power MOSFET 250 mA, 200 Volts N-Channel SOT-223 Power MOSFET 250 mA / 200 Volts Power MOSFET 250 mA, 200 Volts 250 mA, 200 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-261AA
|
ONSEMI[ON Semiconductor]
|
GMD81400 GMF11201 GMF10201 GMF90201 GMF10601 GMF10 |
CAPACITOR, VARIABLE, MICA, 250 V, 380 pF - 1300 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 880 pF - 2330 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 15 pF - 130 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 2000 V, 10 pF - 48 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 275 pF - 970 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 550 pF - 1600 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 65 pF - 340 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 450 pF - 1390 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1300 pF - 2830 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 115 pF - 550 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 1150 pF - 2605 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 45 pF - 280 pF, HORIZONTAL ADJUSTER, THROUGH HOLE MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 350 pF - 1180 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 190 pF - 760 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 780 pF - 2110 pF, PANEL MOUNT CAPACITOR, VARIABLE, MICA, 250 V, 650 pF - 1890 pF, PANEL MOUNT
|
Sprague-Goodman Electronics, Inc.
|
MTB16N25E_D ON2396 MTB16N25E MTB16N25E-D MOTOROLAI |
TMOS POWER FET 16 AMPERES 16 A, 250 V, 0.25 ohm, N-CHANNEL, Si, POWER, MOSFET From old datasheet system TMOS POWER FET 16 AMPERES 250 VOLTS TMOS E-FET High Energy Power FET D2PAK for Surface Mount
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ON Semiconductor
|
ATF16V8C |
250 gate high speed electrically erasable PLD, 20 pins, 5V
|
Atmel
|
STPS5L25B-TR STPS5L25 |
Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) LOW DROP POWER SCHOTTKY RECTIFIER
|
STMicroelectronics ST Microelectronics
|
MJD47 MJD47T4 MJD50 ON2006 MJD50-1 MJD50T4 MJD47-1 |
NPN SILICON POWER TRANSISTORS 1 AMPERE 250 / 400 VOLTS 15 WATTS NPN SILICON POWER TRANSISTORS 1 AMPERE 250, 400 VOLTS 15 WATTS 1 A, 400 V, NPN, Si, POWER TRANSISTOR From old datasheet system NPN SILICON POWER TRANSISTORS 1 AMPERE 250 400 VOLTS 15 WATTS DPAK For Surface Mount Applications
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semiconductor
|
|