PART |
Description |
Maker |
ATF20V8B |
300 gate electrically erasable PLD, 24 pins From old datasheet system
|
Atmel Corp
|
28C256ASC-1 28C256ASC-2 28C256ASC-3 28C256ASC-4 28 |
High speed 120 ns CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM High speed 150 ns CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM High speed 200 ns CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM High speed 250 ns CMOS 256 K electrically erasable programmable ROM 32K x 8 BIT EEPROM High speed CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 250 ns. High speed CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 120 ns. High speed CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 150 ns. High speed CMOS. 256K electrically erasable programmable ROM. 32K x 8 bit EEPROM. Access time 200 ns.
|
Turbo IC
|
ISPLSI2096A-100LT128 ISPLSI2096A-125LT128 ISPLSI20 |
Electrically-Erasable Complex PLD Electrically-ErasableComplexPLD
|
|
ATF1500ABV |
1500 gate electrically erasable low voltage (2.7V), low power CPLD, 44 pins
|
Atmel
|
BR24L08FVM-W BR24L08FJ-W BR24L08FV-W BR24L08F-W BR |
10248 bit electrically erasable PROM 1024】8 bit electrically erasable PROM
|
ROHM[Rohm]
|
BR24L01AF-W BR24L01AFV-W BR24L01AFVM-W BR24L01 BR2 |
1288 bit electrically erasable PROM 128】8 bit electrically erasable PROM
|
ROHM[Rohm]
|
IS93C46D IS93C46D-2ZI IS93C46D-2GI IS93C46D-2GLI I |
1-KBIT SERIAL ELECTRICALLY ERASABLE PROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 1-KBIT SERIAL ELECTRICALLY ERASABLE PROM 64 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 1-KBIT SERIAL ELECTRICALLY ERASABLE PROM 1千位的电可擦除可编程ROM
|
Integrated Silicon Solution, Inc.
|
24LC32AX 24AA32A 24LC32AT-I_SM 24LC32AT-I_SMG 24LC |
The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I<SUP>2</SUP>C compatible 2-wire serial ... The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial interface bus. The 24AA32A features a page-write capability of up to 32 bytes of data and is capable of both r 32K I2C Serial EEPROM The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial ... 32KIC Serial EEPROM 32K 1.8V I2C Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
BR24L08-W BR24L08F-W BR24L08FJ-W BR24L08FV-W BR24L |
1024×8 bit electrically erasable PROM 1024 bit electrically erasable PROM 1024位电可擦除可编程ROM
|
Rohm Co., Ltd. Rohm CO.,LTD.
|
XLS2864A |
8K x 8 Electrically Erasable PROM
|
Exel Microelectronics
|
GAL16V8QS-10LMC GAL16V8-20LJM GAL16V8-30LJM GAL16V |
Electrically-Erasable PLD 电可擦除可编程逻辑器件
|
Lattice Semiconductor, Corp. Anpec Electronics, Corp. NXP Semiconductors N.V. Atmel, Corp. Avago Technologies, Ltd. Kycon, Inc.
|
ATF16V8B-10NM/883 ATF16V8BL-15GM/883 ATF16V8B-15GM |
Electrically-Erasable PLD 电可擦除可编程逻辑器件
|
Advanced Interconnections, Corp.
|