PART |
Description |
Maker |
AMS2303A |
Exceptional on-resistance and maximum DC current capability
|
Advanced Monolithic Systems Ltd
|
STD25NF20 |
Exceptional dv/dt capability
|
STMicroelectronics
|
UP-RW1220P1 |
High quality and reliability Exceptional deep discharge recovery
|
Panasonic Battery Group
|
ALM-1612-BLKG ALM-1612-TR1G |
GPS LNA-Filter Front-End Module Exceptional Cell/PCS-Band rejection
|
AVAGO TECHNOLOGIES LIMITED AVAGO TECHNOLOGIES LIMI...
|
FR305P FR307 FR303 FR304 FR307P FR301 FR302 FR305 |
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes) Wirewound Resistor; Series:RS; Resistance:10ohm; Resistance Tolerance: /- 1 %; Power Rating:3W; Temperature Coefficient: /-20 ppm; Terminal Type:Axial Leaded; Leaded Process Compatible:Yes; Packaging:Bulk
|
http:// RECTRON[Rectron Semiconductor]
|
IDTQS34XR245 IDTQS34XR245Q3 QS34XR245Q38 |
32-Bit, 2.5 ohms Resistance Bus Switch QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT LOW RESISTANCE MULTIWIDTHTM BUS SWITCHES
|
IDT[Integrated Device Technology]
|
BSS138 |
Power Resistor; Series:HLW; Resistance:1ohm; Resistance Tolerance: /- 5%; Power Rating:20W; Operating Temperature Range:-55 C to 350 C; Resistor Element Material:Wirewound; Temperature Coefficient: /-50 ppm RoHS Compliant: No
|
FAIRCHILD SEMICONDUCTOR CORP
|
T-30410 |
Primary DC Resistance 36 W Max, Secondary DC Resistance 47 W Max.
|
Rhombus Industries Inc.
|
HHS60ZA HHS60ZB HHS60ZD HHS60ZE HHS60ZY |
Power Resistor; Series:90; Resistance:2kohm; Resistance Tolerance: /- 5%; Power Rating:5W; Resistor Element Material:Ceramic; Temperature Coefficient: /-30 ppm; Leaded Process Compatible:Yes; Packaging:Bulk RoHS Compliant: Yes HHS60 Series . 60A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V, 1,8V, 1.5V, 1.2V Outputs
|
Power-One
|
A23L8316V-70 A23L8308 A23L8316 A23L83161 A23L83161 |
Power Resistor; Series:MK; Resistance:200kohm; Resistance Tolerance: /- 1 %; Power Rating:0.75W; Voltage Rating:400V; Temperature Coefficient: /-50 ppm; Mounting Type:Through Hole; Operating Temp. Min:0 C CAT5E PATCH CORD 25 FOOT BLACK 256K X 16 / 512K X 8 BIT CMOS MASK ROM 256 × 16 /12k × 8位CMOS掩膜ROM
|
http:// AMICC[AMIC Technology] AMIC Technology Corporation AMIC Technology, Corp.
|
BT136_SERIES_2 BT136-600 BT136-600-127 |
Thermal resistance junction to mounting base Thermal resistance junction to ambient From old datasheet system
|
List of Unclassifed Man...
|