PART |
Description |
Maker |
74LCX16821 74LCX16821MEA 74LCX16821MTD 74LCX16821M |
Low Voltage 20-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs 20-Bit D-Type Flip-Flop LVC/LCX/Z SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO56 From old datasheet system Low Voltage 20-Bit D-Type Flip-Flops with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74LCX162374 74LCX162374GX 74LCX162374MEA 74LCX1623 |
Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26з Series Resistors LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 16-Bit D-Type Flip-Flop LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26 Series Resistors From old datasheet system Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26-Ohm Series Resistors Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs and 26 Ohm Series Resistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
M27V256 M27V256-100B1TR M27V256-100B6TR M27V256-10 |
NND - 256 KBIT (32KB X8) LOW VOLTAGE UV EPROM AND OTP EPROM 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 18-Bit Universal Bus Transceiver With 3-State Outputs 56-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-TSSOP -40 to 85 256千位2KB × 8低压紫外线可擦写可编程只读存储器和OTP存储
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
74VCXH162374 6899 74VCXH162374TTR |
LOW VOLTAGE 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS From old datasheet system LOW VOLTAGE 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
|
ST Microelectronics STMicroelectronics
|
MC74LCX16374DTG MC74LCX1637412 M74LCX16374DTR2G |
Low-Voltage CMOS 16-Bit D-Type Flip-Flop
|
ON Semiconductor
|
74VCXH16374MTD 74VCXH16374 74VCXH16374GX |
Low Voltage 16-Bit D-Type Flip-Flop with Bushold
|
FAIRCHILD[Fairchild Semiconductor]
|
TC74VCXH16374FT |
Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
|
Toshiba Semiconductor
|
74LCX16374MEA 74LCX16374MTD 74LCX16374CW |
Low-Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor
|
74VCX16821MTDX 74VCX16821 74VCX16821MTD |
Low Voltage 20-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
TC74VCX162374FT07 TC74VCX162374FT |
Low-Voltage 16-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
|
Toshiba Semiconductor
|
TC74VCX16821FT |
Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
|
TOSHIBA
|
TC74VCX162721FT |
Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
|
Toshiba Semiconductor
|