PART |
Description |
Maker |
STRW6251D |
30 W-Universal Input/45 W-230 Vac Input PWM Switching Regulators
|
Allegro Microsystems
|
MVS5410-10 MVS5410-02 |
Mashine vision strobe. Input voltage 90-230 VAC 50/60 Hz.
|
PerkinElmer Optoelectronics
|
AD5302 AD5302BRM AD5322 AD5322BRM AD5312 AD5312BRM |
2.5 V to 5.5 V, 230 uA Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO10 2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail Voltage Output 8-Bit DAC in a 10-Lead MicroSOIC Package
|
Analog Devices, Inc. AD[Analog Devices]
|
ST-REL7-KG230 |
Relay connector, fitted with miniature switching relay, contacts (AgNi): Medium to large loads, 2 PDT, 230 V AC/ DC input voltage, with light indicator, can be plugged into basic terminal blocks
|
PHOENIX CONTACT
|
CAR1248TNXXXZ01A CAR1248TNBXXZ01A |
Universal input with PFC Constant power characteristic 3 front panel LEDs: 1-input;2-output; 3 - fault
|
Lineage Power Corporati...
|
AD50MEDICAL AD5012N2LM AD5012N3LM |
Universal AC input
|
Emerson Network Power
|
LPT42-M LPT42-T LPT41-T LPT44-T LPT40-M LPT46-T LP |
Universal input
|
Emerson Network Power
|
TPEMG75-150470-8 TPEMG75-240280-7 TPEMG75-480150-7 |
ACCOMMODATE UNIVERSAL AC INPUT
|
Total Power Internation...
|
TPHEMG49-S150330-8 TPEMG49-S240210-7 TPEMG49-S2402 |
ACCOMMODATE UNIVERSAL AC INPUT
|
Total Power Internation...
|
74AUP1G98FHX 74AUP1G98 |
Two-Input, Low Power, Universal Configurable Logic Gate TinyLogic? Low Power Universal Configurable Two-Input Logic Gate
|
Fairchild Semiconductor
|
LPQ114 LPQ110 LPQ112 LPQ113 |
Universal input 110 Watts
|
Emerson Network Power ASTEC[Astec America, Inc]
|