PART |
Description |
Maker |
M54580P |
7 UNIT 150MA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
LB1740 |
8-Channel / Current-Source Output / Darlington Transistor Array 8-Channel Current-Source Output Darlington Transistor Array 8-Channel, Current-Source Output, Darlington Transistor Array
|
Sanyo Electric Co.,Ltd. SANYO[Sanyo Semicon Device]
|
M54563FP M54563P |
8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M54581P |
S-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE From old datasheet system
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
M54563P12 M54563FP |
8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 0.35 A 8 CHANNEL, BUF OR INV BASED PRPHL DRVR, PDSO20
|
Mitsubishi Electric Semiconductor
|
M54585KP |
Transistor Array 8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
MCA002 |
MULTI-CHIP ARRAY 4 COMMON SOURCE P-CHANNEL MOSFETS AND 4 COMMON SOURCE N-CHANNEL MOSFETS
|
SEME-LAB Seme LAB
|
STBS056 STBS5D0 STBS010 STBS011 STBS012 STBS013 ST |
SURFACE MOUNT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR JFET; Continuous Drain Current, Id:1mA; Current Rating:50mA; Gate-Source Breakdown Voltage:-40V; Gate-Source Cutoff Voltage:-1.5V; Leaded Process Compatible:No; Mounting Type:Through Hole; On-Resistance, Rds(on):750ohm RoHS Compliant: No JFET; Transistor Polarity:N Channel; Package/Case:TO-226AA; Continuous Drain Current, Id:90uA; Current Rating:50mA; Gate-Source Breakdown Voltage:-40V; Gate-Source Cutoff Voltage:-1.8V; Leaded Process Compatible:No JFET; Transistor Polarity:N Channel; Package/Case:TO-226AA; Continuous Drain Current, Id:240uA; Current Rating:50mA; Gate-Source Breakdown Voltage:-40V; Gate-Source Cutoff Voltage:-3V; Leaded Process Compatible:No MOSFET, N SC-75AMOSFET, N SC-75A; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:20V; Case style:SC-75A; Current, Id cont:0.5A; Current, Idm pulse:1A; Power, Pd:0.15W; Resistance, Rds on:1.25R; SMD:1; Depth,
|
Electronics Industry Public Company Limited EIC Semiconductor EIC[EIC discrete Semiconductors] EIC discrete Semiconduc...
|
LB1212 LB1213 LB1216 LB1214 LB1211 LB1217 LB1215 L |
General Purpose Transistor Array From old datasheet system Generral-Purpose Transistor Array
|
SANYO[Sanyo Semicon Device] Sanyo Electric Co.,Ltd.
|
CA3096_04 CA3096 CA3096A CA3096AE CA3096AM CA3096A |
NPN/PNP Transistor Array, High Voltage, Enhanced Icbo, Iceo and Vce(sat) NPN/PNP Transistor Array, High Voltage, General Purpose, Relaxed Parameters NPN/PNP Transistor Arrays 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-012AC 50 mA, 35 V, 5 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR, MS-001BB
|
INTERSIL[Intersil Corporation]
|
HCF4006B HCF4006BC1 HCF4006BEY HCF4006BM1 HCC_HCF4 |
18-STAGE STATIC SHIFT REGISTER MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:60V; Continuous Drain Current, Id:50A; On-Resistance, Rds(on):28mohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-220; Drain-Source Breakdown Voltage:60V 18 -阶段静态移位寄存器
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
MAGX-000035-010000 MAGX-000035-01000S MAGX-000035- |
GaN on SiC HEMT Power Transistor Common-Source configuration
|
M/A-COM Technology Solutions, Inc. M/A-COM Technology Solution... M/A-COM Technology Solu...
|