PART |
Description |
Maker |
SB01-15C |
150V, 100mA Rectifier
|
Sanyo Semicon Device
|
80CLQ150 |
80A 150V Hi-Rel Schottky Common Cathode Diode in a SMD-1 package SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES 80 Amp, 150V Microprocessor 4.63V Reset Monitor, -40C to 125C, 3-SC-70, T/R 80A150伏高可靠性肖特基共阴极二极管的贴 1封装
|
IRF[International Rectifier] Infineon Technologies AG
|
SBR60A150PT |
RECTIFIER SBR DUAL 60A 150V 350A-ifsm 930mV-vf 0.1mA-ir TO-247 50/TUBE 60 A, 150 V, SILICON, RECTIFIER DIODE
|
Diodes, Inc.
|
FDS2582 |
Discrete Commercial N-Channel UltraFET TRENCH MOSFET, 150V, 4.5A, 0.060 Ohm @ Vgs = 10V, SO-8 Package 12 AMP MINIATURE POWER RELAY N-Channel PowerTrench MOSFET 150V/ 4.1A/ 66m N-Channel PowerTrench MOSFET 150V, 4.1A, 66mз N-Channel PowerTrench MOSFET 150V, 4.1A, 66m?/a>
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
IRFB23N15D IRFSL23N15D |
Power MOSFET(Vdss=150V/ Rds(on)max=0.090ohm/ Id=23A) 150V,23A,SMPS MOSFET for High frequency DC-DC converters(150V,23A,开关电MOS场效应管,用于高DC-DC变换 50V3A条,开关电源的MOSFET的高频率DC - DC转换器(50V3A条,开关电源马鞍山场效应管,用于高频的DC - DC变换器)
|
International Rectifier, Corp.
|
SB01-05C |
50V, 100mA Rectifier
|
Sanyo Semicon Device
|
TSCD012WUR TSCD014WUR |
100mA Low Profile Chip Schottky Rectifier
|
TAITRON Components Incorporated
|
TSCD012WS TSCD014WS |
100mA Low Profile Chip Schottky Rectifier
|
TAITRON Components Incorporated
|
ER306 ER302 ER300 ER301 ER301A ER303 ER304 |
3 Amp Super Fast Recovery Rectifier 50 to 600 Volts 3.0A, 150V ultra fast recovery rectifier 3.0A, 100V ultra fast recovery rectifier 3.0A, 50V ultra fast recovery rectifier
|
Micro Commercial Compon... MCC[Micro Commercial Components]
|
MJF15030-D MJF15031 |
Complementary Power Transistors For Isolated Package Applications Power 8A 150V NPN Power 8A 150V PNP
|
ON Semiconductor
|
IRF5N3415 IRF5N3415-15 |
Avalanche Energy Ratings POWER MOSFET N-CHANNEL(Vdss=150V, Rds(on)=0.042ohm, Id=37.5A) SURFACE MOUNT (SMD-1) 150V, N-CHANNEL POWER MOSFET N-CHANNEL(Vdss=150V/ Rds(on)=0.042ohm/ Id=37.5A)
|
IRF[International Rectifier]
|