PART |
Description |
Maker |
PCA9554BPW PCA9554BBS |
Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up
|
NXP Semiconductors
|
PI3VT34X245B |
32-Bit, 2-Port, Low Voltage Translator Bus Switch
|
Pericom Technology
|
PCAL9535A PCAL9535AHF PCAL9535APW |
Low-voltage 16-bit I2C-bus I/O port with interrupt and Agile I/O
|
NXP Semiconductors
|
PO3VT3305A PO3VT3305ATR PO3VT3305ATU |
High-Bandwidth, Hot-Insertion, 2-Bit, 2-Port, Low Voltage Translator Bus Switch
|
Potato Semiconductor Corporation
|
28C17A-25/K 28C17A-25I/K 28C17AF-25/K 28C17A-20/K |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC 12-Bit DACs with 32-Channel Sample-and-Hold Outputs Evaluation Kit/Evaluation System for the MAX5417_, MAX5418_, MAX5419_ 128Kx8 EEPROM 5V, Low-Power, Voltage-Output, Serial 12-Bit DACs 10-Bit Voltage-Output DACs in 8-Pin µMAX Single-Supply 3V/5V, Voltage-Output, Dual, Precision 12-Bit DACs x8的EEPROM
|
STMicroelectronics N.V.
|
74VCX162245MTD 74VCX162245MTDX |
Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in A Port Outputs
|
Fairchild Semiconductor
|
74ALVC16245-D 74ALVC16245/D |
Low-Voltage 1.8/2.5/3.3 V 16-Bit Transceiver Low-Voltage 1.8/2.5/3.3 V 16-Bit Buffer With 3.6 V-Tolerant Inputs and Outputs (3-State, Inverting)
|
ON Semiconductor
|
HHBA-5420XP1 HHBA-5418 HHBA-5418X HHBA-5418XP HHBA |
HHBA-5420B · Low Profile 2Gb/s, 64-bit, 133 MHz, Dual Port PCI-X to Fibre Channel Adapter with SFP cage HHBA-5418B · Low profile, 2Gb/s, 64-bit, 133 MHz, Dual Port PCI-X to Fibre Channel Adapter with SFP cage HHBA-5418AP · Low profile, 2Gb/s, 64-bit, 133 MHz, Dual Port PCI-X to Fibre Channel Adapter with S, Bulk Packaging Low Profile, 2 Gb/s, Dual Port PCI-X to Fibre Channel Adapters
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
FXL2SD106 FXL2SD106BQX |
Low Voltage Dual Supply 6-Bit SD Memory Card Interface voltage Translator; Package: DQFN; No of Pins: 16; Container: Tape & Reel SPECIALTY INTERFACE CIRCUIT, QCC16 Low Voltage Dual Supply 6-Bit SD Interface Voltage Translator with Configurable Voltage Supplies
|
Fairchild Semiconductor, Corp.
|