PART |
Description |
Maker |
VO2631-X017T VO2601 VO2601-X017T |
High Speed Optocouplers 10Mbd High-Speed Dual CTR>300% High Speed Optocoupler, Single and Dual, 10 MBd
|
Vishay Semiconductors Vishay Siliconix
|
ADM222 ADM242 ADM232A ADM222AARN ADM222AARW |
Nominal:5V; high-speed; 400mW; CMOS RS-232 driver/receiver. For computers, peripherals, modems, printers, instruments Part of a family of high speed RS-232 line drivers/receivers offering transmission rates up to 200 kB/s High Speed, 5V, 0.1 F CMOS RS-232 200kBPS Transceiver with 2 Drivers, 2 Receivers, Shutdown and Enable Pins High Speed, 5V, 0.1 F CMOS RS-232 Transceiver with 2 Drivers, 2 Receivers, 200kBPS Data Rate and a Shutdown Pin
|
Analog Devices
|
AT28HC256-12FM/883 AT28HC256-12LM/883 AT28HC256-12 |
CONNECTOR ACCESSORY 32K X 8 EEPROM 5V, 90 ns, CPGA28 High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-TSSOP -55 to 125 256 32K x 8 High Speed Parallel EEPROMs 256 32K x 8 High Speed CMOS E2PROM
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
XM20C64PMHR-55 XM20C64 XM20C64-55 XM20C64I-55 XM20 |
High Speed AUTOSTORE?/a> NOVRAM High Speed AUTOSTORENOVRAM 高速自动存储⑩NOVRAM High Speed AUTOSTORE NOVRAM High Speed AUTOSTORE⑩ NOVRAM
|
XICOR[Xicor Inc.]
|
SH0R3D42 |
HIGH SPEED THYRISTOR SILICON PLANAR TYPE HIGH SPEED SWITCHING AND CONTROL APPLICATIONS
|
TOSHIBA[Toshiba Semiconductor]
|
IDTQS3861Q IDTQS3861 IDTQS3861SO IDTQS3861PA QS386 |
QUICKSWITCH? PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH The QS3861 provides a set of ten high-speed CMOS TTL-compatible bus switches. High-Speed CMOS 10-Bit Bus Switch with Flow-Thru Pinout
|
INTEGRATED DEVICE TECHNOLOGY INC IDT[Integrated Device Technology]
|
KM68257C-12 KM68257CJ-12 KM68257CJ-20 KM68257CL-12 |
32Kx8 bit high speed static RAM (5V operating), 20ns 32Kx8 bit high speed static RAM (5V operating), 15ns 32Kx8 bit high speed static RAM (5V operating), 12ns 32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range. 32Kx8位高速静态RAM5V的工作(,进化引脚了。在商业温度范围工作
|
Samsung Electronic SAMSUNG[Samsung semiconductor] Samsung Semiconductor Co., Ltd.
|
AD53040 AD53040KRP AD53040G |
HIGH SPEED DRIVERS: Complete high speed pin driver Ultrahigh Speed Pin Driver with Inhibit Mode
|
AD[Analog Devices]
|
BC847AF BC847BF BC847CF BC847F BC848BF BC846BF BC8 |
High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer 24-PDIP -55 to 125 High Speed CMOS Logic 8-Bit Parallel-In/Serial-Out Shift Register 16-PDIP -55 to 125 High Speed CMOS Logic Quad D-Type Flip-Flop with Reset 16-SOIC -55 to 125 NPN general purpose transistors 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
http:// PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
2SK3748 |
N CHANNEL MOS SILICON TRANSISTOR High-Voltage High-Speed Switching Applications High-Voltage, High-Speed Switching Applications From old datasheet system
|
SANYO[Sanyo Semicon Device]
|
KSC2335 KSC2335OTU KSC2335R KSC2335RTU KSC2335Y KS |
NPN Epitaxial Silicon Transistor High Speed, High Voltage Switching High Speed/ High Voltage Switching
|
FAIRCHILD[Fairchild Semiconductor]
|