PART |
Description |
Maker |
ILC7081 ILC7081AIM525X ILC7081AIM526X ILC7081AIM52 |
50/100mA SOT-23 CMOS RF LDO Regulators 50/100mA的SOT - 23 CMOS射频LDO稳压 0.08A Low Dropout Voltage Regulator 0.15A Low Dropout Voltage Regulator
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
NCP551 NCP551SN15T1 NCP551SN15T1G NCP551SN18T1 NCP |
150 mA CMOS Low Iq Low-Dropout Voltage Regulator 2.8 V FIXED POSITIVE LDO REGULATOR, 0.15 V DROPOUT, PDSO5 150 mA CMOS Low Iq Low-Dropout Voltage Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO5 AC 8C 1#12 7#16 SKT PLUG RTANG RoHS Compliant: No AC 24C 24#16 SKT RECP AC 24C 24#16 PIN RECP AC 5C 5#16S PIN RECP
|
ONSEMI[ON Semiconductor]
|
NCV551SN25T1G |
150 mA CMOS Low Iq Low−Dropout Voltage Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO5
|
ON Semiconductor
|
NCP502SN31T1G NCP502SN50T1G NCV502SN50T1G NCP502SN |
80 mA CMOS Low Iq Low-Dropout Voltage 80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
|
ON Semiconductor
|
TS9001ACX5 TS9001SCX5 TS9001 TS9001DCX5 TS9001KCX5 |
Analog IC: Low Drop Out Voltage Regulators 300mA CMOS Low Dropout Voltage Regulator with Enable
|
TSC[Taiwan Semiconductor Company, Ltd]
|
TS9000 TS9000ANCX TS9000ANCY TS9000ASCT TS9000AVCT |
Analog IC: Low Drop Out Voltage Regulators 300mA CMOS Low Dropout Voltage Regulator
|
TSC[Taiwan Semiconductor Company, Ltd]
|
AMS1587 AMS1587CD AMS1587CD-15 AMS1587CD-25 AMS158 |
3.3V 3A low dropout voltage regulator 5.0V 3A low dropout voltage regulator 2.5V 3A low dropout voltage regulator 2.85V 3A low dropout voltage regulator 3.0V 3A low dropout voltage regulator 1.5V 3A low dropout voltage regulator BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 125 Vac, Roller Lever Actuator, 1,67 N [6 oz] Maximum Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO, UL BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Roller Lever Actuator, 1,67 N [6 oz] Maximum Operating Force, Silver Contacts, Solder Termination, CE, CSA, DEMKO, UL 3A LOW DROPOUT VOLTAGE REGULATOR A低压差稳压器 SWTCH LEVER SPDT 15A SOLD TERM A低压差稳压器 3A LOW DROPOUT VOLTAGE REGULATOR 3A低压差稳压器
|
Advanced Monolithic Systems, Inc.
|
MC33275DT-3.0 MC33275DT-2.5G MC33275ST-3.0T3G MC33 |
300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 LOW DROPOUT MICROPOWER VOLTAGE REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8 DualCool? N-Channel NexFET? Power MOSFET 8-SON -55 to 150
|
ON Semiconductor
|
NCP562SQ35T1G NCP562SQ21T1G |
80 mA CMOS Low Iq Low-Dropout Voltage Regulator; Package: SC-82AB 4 LEAD 2.0x1.25x0.95 mm, max with leads is 2.2x2.4x1.1mm; No of Pins: 4; Container: Tape and Reel; Qty per Container: 3000 3.5 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4
|
ON Semiconductor
|
L11810G-XX-AA3-A-R L1181010 L11810G-XX-AA3-D-R |
1A CMOS LOW DROPOUT VOLTAGE
|
Unisonic Technologies
|
BL8503-12T1SA BL8503-12T1SB BL8503-12T1SM |
250mA CMOS Low Dropout Voltage Low consumption Regulator
|
SHANGHAI BELLING CO., L...
|