PART |
Description |
Maker |
UPD16855C UPD16855BG |
UPD16855A/B/C/D Data Sheet | Data Sheet[02/1999] UPD16855A/B/C/D数据表|数据表[02/1999] DUAL HIGH-SIDE SWITCH FOR USB APPLICATION 双高边开关的USB应用
|
NEC, Corp.
|
HR1L2Q HR1L3N HR1A4 HR1F3P HR1XXX HR1A3M HR1A4A HR |
HR1 Series Data Sheet | Data Sheet[04/2002] HR1系列数据表|数据表[04/2002] On-chip resistor PNP silicon epitaxial transistor For mid-speed switching 片上电阻进步党硅外延晶体管中速开 1 A, 60 V, PNP, Si, POWER TRANSISTOR Hybrid transistor
|
DB Lectro, Inc. Marktech Optoelectronics NEC Corp. NEC[NEC]
|
RM5231A-300-HI RM5231A-250-H RM5231A-350-H |
RM5231A?/font> Microprocessor with 32-Bit System Bus Data Sheet Preliminary RM5231A Microprocessor with 32-Bit System Bus Data Sheet Preliminary RM5231AMicroprocessor with 32-Bit System Bus Data Sheet Preliminary 64-BIT, 350 MHz, MICROPROCESSOR, PQFP128 RM5231AMicroprocessor with 32-Bit System Bus Data Sheet Preliminary 64-BIT, 300 MHz, MICROPROCESSOR, PQFP128 RM5231A??Microprocessor with 32-Bit System Bus Data Sheet Preliminary
|
PMC-Sierra Inc PMC-Sierra, Inc. PMC-Sierra Inc
|
RM7000A-300T RM7000A-400T RM7000A-350TI |
RM7000AMicroprocessor with On-Chip Secondary Cache Data Sheet Released 64-BIT, 400 MHz, MICROPROCESSOR, PBGA304 RM7000A Microprocessor with On-Chip Secondary Cache Data Sheet Released
|
PMC-Sierra, Inc. PMC-Sierra Inc
|
RM5261-266-Q RM5261-250-Q RM5261-200-QI |
RM5261 Microprocessor with 64-Bit System Bus Data Sheet Released RM5261⑩ Microprocessor with 64-Bit System Bus Data Sheet Released RM5261⒙ MICROPROCESSOR WITH 64-BIT SYSTEM BUS DATA SHEET RELEASED
|
PMC-Sierra Inc PMC-Sierra, Inc
|
ICS5342ADD |
Addendum to ICS5342 Data Sheet Addendum to ICS5342 Data Sheet
|
Integrated Circuit Systems
|
PPC5125YVN400R MPC5125YVN400R SPC5125YVN400R PPC51 |
MPC5125 Microcontroller Data Sheet MPC5125 Microcontroller Data Sheet
|
Freescale Semiconductor, Inc
|
RM5231-200-Q RM5231-150-Q RM5231-250-Q |
RM5231?/font> Microprocessor with 32-Bit System Bus Data Sheet Released RM5231??Microprocessor with 32-Bit System Bus Data Sheet Released RM5231Microprocessor with 32-Bit System Bus Data Sheet Released
|
PMC-SIERRA INC PMC-Sierra, Inc.
|
S9S12G128F0MLH S9S12G48F1CLC S9S12G64F0MLF SW9S12G |
S12 CPU core, Up to 240 Kbyte on-chip flash with ECC Microcontrollers Reference Manual and Date Sheet MC9S12G Family Reference Manual and Data Sheet
|
Freescale Semiconductor, Inc Freescale Semiconductor, In...
|
RM5261A-300-HI RM5261A-250-H RM5261A-350-H |
RM5261A?/font> Microprocessor with 64-Bit System Bus Data Sheet Preliminary RM5261A?/a> Microprocessor with 64-Bit System Bus Data Sheet Preliminary RM5261A Microprocessor with 64-Bit System Bus Data Sheet Preliminary CONNECTOR ACCESSORY
|
PMC-Sierra Inc PMC-Sierra, Inc. PMC-Sierra Inc
|
PG1264 PG1275 PG1280 PG1250 PG1251 PG1252 PG1253 P |
325MHz, Single/Dual, Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0° 325MHz, Single/Dual, Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps; Package: SO; No of Pins: 8; Temperature Range: -40 TRANSISTOR | BJT | NPN | 40V V(BR)CEO | 5A I(C) | TO-111 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 5A I(C) | TO-111 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 5A I(C) | TO-111 晶体管|晶体管|叩| 80V的五(巴西)总裁| 5A条一(c)|111 TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 5A I(C) | TO-111 晶体管|晶体管|叩| 100V的五(巴西)总裁| 5A条一(c)|11
|
ICE Components, Inc. Square D by Schneider Electric
|