PART |
Description |
Maker |
MC10E155-D |
5V ECL 6 Bit 2:1 Mux Latch
|
ON Semiconductor
|
MC10E154-D |
5V ECL 5 Bit 2:1 Mux Latch
|
ON Semiconductor
|
MC100E256-D |
5V ECL 3 Bit 4:1 Mux Latch
|
ON Semiconductor
|
BUS-61570-830K BUS-61571-830K BUS-61571-XXXX BUS-6 |
MIL-STD-1553 Bc-rt-mt Integrated Terminal Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection Small Signal Bias Resistor Transistor, PNP, 50 V 5 V ECL 2 Divider 9-Bit ECL to TTL Translator 2.5 V / 3.3 V ECL 2-Input Differential AND/NAND MIL-STD-1553B NOTICE 2 ADVANCED INTEGRATED MUX HYBRIDS WITH ENHANCED RT FEATURES (AIM-HYer) 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer 5V ECL JK Flip-Flop 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer 5V ECL 2:1 Multiplexer 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer
|
List of Unclassifed Man... Data Device ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. http://
|
MC100H602FNG |
9−Bit Latch TTL to ECL Translator TTL TO ECL TRANSLATOR, TRUE OUTPUT, PQCC28
|
ON Semiconductor
|
MC10E156 MC10E156FN CM10E156 MC100E156 MC100E156FN |
From old datasheet system 3-BIT 4:1 MUX-LATCH
|
MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor] Motorola, Inc
|
MC10E175-D |
5V ECL 9 Bit Latch With Parity
|
ON Semiconductor
|
MC10H60206 MC10H602FN MC10H602FNG MC10H602FNR2 MC1 |
9−Bit Latch TTL to ECL Translator
|
ONSEMI[ON Semiconductor]
|
PIC18F6525-E/PTQTP PIC18F6525-I/PT PIC18LF6525-E/P |
Hex D-Type Master-Slave Flip-Flop; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 64/80-Pin高性能4字节增强型闪存微控制器与A / BBG ECL LATCH QUINT; Package: PDIP-16; No of Pins: 16; Container: Rail; Qty per Container: 25 64/80-Pin高性能4字节增强型闪存微控制器与A / 64/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with A/D 64/80-Pin高性能4字节增强型闪存微控制器与A / BBG ECL LATCH QUINT; Package: 20 LEAD PLLC; No of Pins: 20; Container: Tape and Reel; Qty per Container: 500 64/80-Pin高性能4字节增强型闪存微控制器与A / BBG ECL LATCH QUINT; Package: SOEIAJ-16; No of Pins: 16; Container: Rail; Qty per Container: 50 64/80-Pin高性能4字节增强型闪存微控制器与A / BBG ECL FLIP FLOP HEX D; Package: 20 LEAD PLLC; No of Pins: 20; Container: Rail; Qty per Container: 46 CHERRY CONNECTOR POT 200K OHM 1-1/4 RECT CERM MT 5-Bit Magnitude Comparator; Package: PDIP-16; No of Pins: 16; Container: Rail; Qty per Container: 25
|
Microchip Technology, Inc. Microchip Technology Inc.
|
100343PC 100343QC 100343QI 100343 100343QIX 100343 |
Low Power 8-Bit Latch From old datasheet system 8-Bit D-Type Latch 100K SERIES, LOW LEVEL TRIGGERED D LATCH, TRUE OUTPUT, PQCC28
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
SY89830U SY89830UK4I SY89830UK4ITR |
2.5V/3.3/5V 2.5GHz 1:4 PECL/ECL CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
|
MICREL[Micrel Semiconductor]
|
SY89830U_05 SY89830U SY89830UK4G SY89830UK4GTR SY8 |
2.5V/3.3/5V 2.5GHz 1:4 PECL/ECL CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
|
MICREL[Micrel Semiconductor]
|