PART |
Description |
Maker |
28C16A-20E/K 28C16A-20E/J 28C16A-20E/L 28C16A-15E/ |
Evaluation Kit for the MAX5092B, MAX5092A, MAX5093B, MAX5093A Evaluation Kit for the MAX5090 Evaluation Kit for the MAX5080, MAX5081, MAX5082, MAX5083 128Kx8 EEPROM 128Kx8 EEPROM
|
Microchip Technology, Inc.
|
2683-100410 2683-200240 2683-200410 2683-100240 26 |
Quadruple-Mode LNA/Mixer Evaluation Kits MAX2582 Evaluation Kit Evaluation Kit for the MAX2601, MAX2602 Interface IC Quad-Band TDD-WCDMA RF-to-Bits Radio Receiver 接口IC
|
Teledyne Technologies, Inc.
|
PE-51590 PE-92117 PE-92402 PE-92107 |
LT3734 Evaluation Kit LTC2922 Evaluation Kit Low Cost Inductors - Bare Coil and Klipmount Series 低成本的电感裸线圈和Klipmount系列
|
Pulse Engineering, Inc.
|
DS1854EVKIT |
Evaluation Kit for the DS1854, DS1857, DS1858, and DS1859 Fiber Optic Monitor and Control Evaluation Kit
|
MAXIM - Dallas Semiconductor
|
27HC191L-40/K 27HC191L-55/L 27HC191L-40/P 27HC191L |
Evaluation Kit for the MAX4338, MAX4233 ADSL Drivers/Receivers for Customer Premise Equipment 16 x 16 Nonblocking Video Crosspoint Switch with On-Screen Display Insertion and I/O Buffers Evaluation Kit for the MAX4447, MAX4448, MAX4449 Evaluation Kit for the MAX4450 250MHz Wideband Transconductance Amplifier with Differential Output SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute Evaluation Kit for the MAX4336, MAX4231 Evaluation Kit for the MAX4365 ±15V Chopper Stabilized Operational Amplifier Ultra-High PSRR Stereo Drivers Microphone Amp 100mA Linear Regulator Evaluation Kit for the MAX4299 Evaluation Kit for the MAX4358 Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches Low-Cost, Low-Voltage, PA Power Control Amplifier for GSM Applications in 8-Pin QFN High-Speed, Low-Power, Single-Supply Multichannel, Video Multiplexer-Amplifiers 用于GSM、采引脚QFN封装的低成本、低电压功率控制放大 Mono, 2W, Switch-Mode (Class D) Audio Power Amplifier x8存储 x8 EPROM x8存储
|
GSI Technology, Inc.
|
MAX1556EVKIT MAX1556 |
MAX1556 Evaluation Kit Evaluation Kit for the MAX1556EVKIT
|
MAXIM[Maxim Integrated Products]
|
MAX4210EEVKIT MAX4210A |
MAX4210E Evaluation Kit From old datasheet system Evaluation Kit for the MAX4210E, MAX4210A/B/C/D/F
|
Maxim Integrated Products
|
MAX9760EVSYS/EVKIT |
Evaluation System/Evaluation Kit for the MAX9760/MAX9761/MAX9762/MAX9763
|
Maxim Integrated Products, Inc.
|
MAX1470EVKIT MAX1470_02 MAX1470 MAX1470EVKIT-315 M |
MAX1470 Evaluation Kit From old datasheet system Evaluation Kit for the MAX1470
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
MAX1168EVKIT/EVSYS |
Evaluation Kit/Evaluation System for the MAX1068/MAX1168
|
Maxim Integrated Products, Inc.
|