PART |
Description |
Maker |
HDSP-5523-GG000 HDSP-5523-GH000 HDSP-K121-DE000 HD |
HDSP-5523-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5523-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-K121-DE000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5501-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5601-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5503-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5703-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5507-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5607-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5507-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5508-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-K123-DE000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5623-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5521-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5521-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5721-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5503-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5603-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5501-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5701-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5501-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5507-FG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5503-GG000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-5621-GH000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-H153-KL000 · 14.2 mm (0.56 inch) Seven Segment Displays HDSP-H151-KL000 · 14.2 mm (0.56 inch) Seven Segment Displays
|
Agilent (Hewlett-Packard)
|
MAN4740A MAN4705A MAN4640A MAN4710A MAN4630A MAN44 |
0.400-INCH SEVEN SEGMENT DISPLAYS
|
Fairchild Semiconductor
|
5082-7650 5082-7650-DD000 5082-7650-DE000 HDSP-360 |
7.6 mm (0.3 inch)/10.9 mm (0.43 inch) Seven Segment Displays(7.6 mm (0.3 英寸)/10.9 mm (0.43英寸) 七段显示 7.6 mm (0.3 inch) Overflow Character Displays 10.9mm(0.43inch)SevenSegmentDisplays
7.6mm (0.3 inch)/10.9mm (0.43 inch) Seven Segment Display 7.6毫米.3英寸10.9毫米.43英寸),七段显示
|
Agilent(Hewlett-Packard) Bivar, Inc.
|
5082-7750 5082-7653 5082-7651 50827656 50827650 50 |
High Efficiency Red 0.43 inch Seven Segment Display 0.43-INCH SEVEN SEGMENT DISPLAYS
|
Fairchild Semiconductor
|
HDSP-513Y-LL000 5082-511A-00000 5082-511A-0H000 50 |
14.22 mm (0.56 inch) General Purpose Seven-Segment Display 14.22毫米.56英寸)通用七段显示 Multichannel Remote/Local Temperature Sensors 16-Bit Voltage-Output DAC in SO-8 Package; Package: SOIC; No of Pins: 8; Temperature Range: Commercial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD Low Profile Power Relay, 1 Form C, 16A 250VAC, Class F Coil HDSP-511A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-511Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513A · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513E · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513G · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display HDSP-513Y · 14.22 mm (0.56 inch) Single Digit General Purpose Seven Segment Display
|
ITT, Corp. HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard) Agilent(Hewlett-Packard...
|
MAN6610 MAN6650 MAN6640 MAN6660 MAN6675 MAN6695 MA |
0.560-INCH SEVEN SEGMENT DISPLAYS 0.560英寸七段显示模块 0.560-INCH SEVEN SEGMENT DISPLAYS 7 SEG NUMERIC DISPLAY, ORANGE, 14.224 mm
|
QT[QT Optoelectronics]
|
HDSP-523Y HDSP-52 HDSP-521E HDSP-521G HDSP-521Y HD |
HDSP-523Y · Agilent 14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays HDSP-523G · Agilent 14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays HDSP-523E · Agilent 14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays HDSP-521Y · Agilent 14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays HDSP-521G · Agilent 14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays HDSP-521E · Agilent 14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
TDSG515 TDSY516 TDSG516 TDSO515 TDSO516 TDSR515 TD |
Green (565 nm) 7-segment display, 13 mm / 5.12 inch, Viewing distance up to 7 meter 13 mm Seven Segment Display
|
Vishay Intertechnology,Inc. Vishay Telefunken VISAY[Vishay Siliconix]
|
AN38 MAN3410A MAN3420A MAN3440A MAN74A MAN3400A MA |
0.300-INCH SEVEN SEGMENT DISPLAYS 0.300-INCH SEVEN SEGMENT DISPLAYS 7 SEG NUMERIC DISPLAY, RED, 7.62 mm 0.300-INCH SEVEN SEGMENT DISPLAYS 7 SEG NUMERIC DISPLAY, ORANGE, 7.62 mm
|
http:// QT[QT Optoelectronics]
|
LTS-3403LY LTS3403LY LITE-ONELECTRONICSINC-LTS-340 |
The LTS-3403LY is a 0.8 inch (20.32 mm) digit height single digit seven-segment display The LTS-3403LY is a 0.8 inch (20.32 mm) digit height single digit seven-segment display SEVEN-SEGMENT NUMERIC LED DISPLAY
|
LITEON[Lite-On Technology Corporation] LITE-ON Electronics 光宝科技股份有限公司
|
GS74108J-15 GS74108TP-8I GS74108J-8I GS74108TP-15 |
512K x 8 4Mb Asynchronous SRAM 12k × 8 4Mb的异步SRAM 512K X 8 STANDARD SRAM, 8 ns, PDSO36 0.400 INCH, SOJ-36 512K X 8 STANDARD SRAM, 8 ns, PDSO44 0.400 INCH, TSOP2-44
|
GSI Technology, Inc. Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|