PART |
Description |
Maker |
LTM8020 LTM8020EV-PBF LTM8020IV-PBF LTM8020MPV LTM |
200mA, 36V DC/DC μModule 200mA, 36V DC/DC レModule
|
Linear Technology
|
19193-0198 19193-0186 19193-0205 19193-0170 19193- |
191930198 COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (D-352-58) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (D-356-14T) COPPER ALLOY, RING TERMINAL D-351-38T RING VERSAKRIMP TAPE DBL SPACE COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (E-358-76) COPPER ALLOY, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):8; Stud Size:3/8; Insulator Color:Red; Series:RING VERSAKRIMP (D-352-38) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (F-370-34) COPPER ALLOY, RING TERMINAL 191930151 COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (E-360-56) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (D-352-76) COPPER ALLOY, RING TERMINAL 191930254 COPPER ALLOY, RING TERMINAL Insulkrimp RingTongue Terminal, #10 Stud, 8AWG COPPER ALLOY, RING TERMINAL 191930218 COPPER ALLOY, RING TERMINAL
|
Molex, Inc.
|
BAS20-TP BAS21-TP |
DIODE SWITCH 200V 200MA SOT23 0.2 A, 200 V, SILICON, SIGNAL DIODE Small Signal Diodes 250mW DIODE SWITCH 250V 200MA SOT23
|
Micro Commercial Components, Corp.
|
KIA7815AP KIA7810API KIA7808AP KIA7812API KIA7805A |
Three Terminal 10V Positve Voltage Regulator(三端0V正电压输出稳压器) Three Terminal 12V Positve Voltage Regulator(三端2V正电压输出稳压器) Three Terminal 5V Positve Voltage Regulator(三端V正电压输出稳压器) Three Terminal 6V Positve Voltage Regulator(三端V正电压输出稳压器) Three Terminal 18V Positve Voltage Regulator(三端8V正电压输出稳压器) Three Terminal 5V Positve Voltage Regulator(三端5V正电压输出稳压器) Three Terminal 6V Positve Voltage Regulator(三端6V正电压输出稳压器) Three Terminal 8V Positve Voltage Regulator(三端V正电压输出稳压器) 三端8V的Positve稳压器(三端V的正电压输出稳压器) Three Terminal 15V Positve Voltage Regulator(三端5V正电压输出稳压器) 三端15VPositve稳压器(三端5V的正电压输出稳压器) Three Terminal 15V Positve Voltage Regulator(涓????5V姝g?????虹ǔ???) Three Terminal 8V Positve Voltage Regulator(涓????V姝g?????虹ǔ???)
|
KEC Holdings
|
50P36-01-1-08N 50MP36-01-1-06N 50P36-01-1-07N 50MP |
0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-7POSITIONS, SP7T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-9POSITIONS, SP9T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, SP3T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-7POSITIONS, SP7T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-5POSITIONS, SP5T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED ROTARY SWITCH-5POSITIONS, SP5T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT
|
Grayhill, Inc. GRAYHILL INC
|
NFM3DCC222R1H3L NFM41CC102R2A3L NFM41CC471R2A3L NF |
CAP 3 TERMINAL 2200PF 端子2200PF CAP 3 TERMINAL 1000PF 端子1000pF CAP 3 TERMINAL 470PF CAP 3 TERMINAL 220PF
|
Murata Manufacturing Co., Ltd.
|
GS16S-120 GS3-0.5 GS3-1 GS3-2.5 GS3.5-0.5 GS3.5-1 |
120 mm2, WIRE TERMINAL RING TONGUE TERMINAL Non-insulated DIN 46234 1.5 mm2, WIRE TERMINAL 10 mm2, WIRE TERMINAL 16 mm2, WIRE TERMINAL
|
J S T MFG CO LTD List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
MAX1735 MAX1735EUK25-T MAX1735EUK30-T MAX1735EUK50 |
"200mA, Negative-Output, Low-Dropout Linear Regulator in SOT23" 200mA / Negative-Output / Low-Dropout Linear Regulator in SOT23 200mA, Negative-Output, Low-Dropout Linear Regulator in SOT23 FIXED/ADJUSTABLE NEGATIVE LDO REGULATOR, 0.24 V DROPOUT, PDSO5
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
19164-0042 |
Female Disconnect Solderless Terminal; Wire Size (AWG):14-16; Terminal Insulation:Niac Polymer; Contact Material:Brass; Gender:Female; Power Connection Type:Female Disconnect Solderless Terminal 2 mm2, WIRE TERMINAL
|
Molex, Inc.
|
19007-0032 19005-0001 19005-0015 19007-0029 19007- |
.187X.020 FIQD FLAG EXP. TAPED (BB-2224X 2 mm2, PUSH-ON TERMINAL Female Disconnect Solderless Terminal; Wire Size (AWG):18-22; Tab Width:0.250"; Insulator Color:Pink; Terminal Insulation:Nylon; Gender:Female 0.8 mm2, PUSH-ON TERMINAL .250X.032 FEM.FIQD COUPLER TP (C-2265T) 5 mm2, PUSH-ON TERMINAL CONN .187 FLAG INSUL 14-16AWG 2 mm2, PUSH-ON TERMINAL .250X.032 FIQD FLAG STRIP(AA-2220Z) RoHS Compliant: Yes 0.8 mm2, PUSH-ON TERMINAL CONN .250 FLAG INSUL 18-22AWG 0.8 mm2, PUSH-ON TERMINAL .187X.020 FIQD FLAG (AA-2222) 0.8 mm2, PUSH-ON TERMINAL .187X.032 FIQD FLAG (BB-2225) 2 mm2, PUSH-ON TERMINAL CONN .250 MALE INSUL 14-16AWG 2 mm2, TAB TERMINAL 190070020
|
Molex, Inc. MOLEX INC
|
1304C-00 2000F-12 2000F-32 2000F-112 WINCHESTERELE |
BRASS, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, GOLD FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
|