PART |
Description |
Maker |
1N3903 1N3901 1N3900 1N3900R IN3900 IN3901 IN3902 |
Ultra Fast Rectifier (less than 100ns) Fast Recovery Rectifier FastRectifier(100-500ns)
LED 5MM 574NM ALINGAP GRN CLEAR Fast Rectifier (100-500ns) 20 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AB
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
1N643 JAN1N643 1N662 |
Fast Rectifier (100-500ns) Standard Rectifier (trr more than 500ns)
|
Microsemi
|
40SL05 40SL8 40SL 40SL1 40SL10 40SL2 40SL4 40SL5 4 |
4 AMP AXIAL-LEAD FAST RECOVERY RECTIFIER DIODES 4 A, 400 V, SILICON, RECTIFIER DIODE 20 characters x 1 Lines, 5x7 Dot Matric Character and Cursor Fast Rectifier (100-500ns)
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
1N5189 1N5190 JAN1N5190 JANTX1N5190 1N5186 JAN1N51 |
RECTIFIERS MILITARY APPROVED/ 3AMP/ FAST RECOVERY Fast Rectifier (100-500ns)
|
Microsemi
|
UTX105 UTX110 UTX125 UTX205 |
Fast Rectifier (100-500ns)
|
Microsemi
|
1N3881E3 1N3881RE3 1N3880E3 1N3880RE3 1N3879E3 1N3 |
Fast Rectifier (100-500ns)
|
Microsemi
|
1N387907 1N3883R 1N3879R 1N381 1N382 1N3882R |
Fast Recovery Rectifier Fast Rectifier (100-500ns); Package: DO-4; IO (A): 6; IFSM (A): 200; Vrwm (V): 400; trr (nsec): 200; VF (V): 1.4; IR (µA): 15; 6 A, 400 V, SILICON, RECTIFIER DIODE, DO-203AA Fast Rectifier (100-500ns); Package: DO-4; IO (A): 6; IFSM (A): 200; Vrwm (V): 50; trr (nsec): 200; VF (V): 1.4; IR (µA): 15; 6 A, 50 V, SILICON, RECTIFIER DIODE, DO-203AA Fast Rectifier (100-500ns); Package: DO-4; IO (A): 6; IFSM (A): 200; Vrwm (V): 300; trr (nsec): 200; VF (V): 1.4; IR (µA): 15;
|
Microsemi Corporation Microsemi, Corp. MICROSEMI CORP-LAWRENCE
|
PR1007L PR1001 PR1001G_1 PR1001G-A PR1001G-B PR100 |
RECTIFIER FAST-RECOVERY SINGLE 1A 800V 30A-ifsm 1.3V-vf 500ns 5uA-ir A405 5K/REEL-13 1 A, 800 V, SILICON, SIGNAL DIODE RECTIFIER FAST-RECOVERY SINGLE 1A 1000V 30A-ifsm 1.3V-vf 500ns 5uA-ir DO-41 1K/BULK 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 RECTIFIER FAST-RECOVERY SINGLE 1A 1000V 30A-ifsm 1.3V-vf 500ns 5uA-ir DO-41 5K/AMMO 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 RECTIFIER FAST-RECOVERY SINGLE 1A 800V 30A-ifsm 1.3V-vf 500ns 5uA-ir DO-41 5K/AMMO 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41 RECTIFIER FAST-RECOVERY SINGLE 1A 800V 30A-ifsm 1.3V-vf 500ns 5uA-ir DO-41 1K/BULK 1 A, 800 V, SILICON, SIGNAL DIODE, DO-41 1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
LWR-1601-6 LWN1740-6M1 LWR1740-6M1 LWN-2660-6 |
IC MPU RESET CIRC HI 3.08V SC-59 RECTIFIER FAST-RECOVERY SINGLE 1.5A 1000V 50A-ifsm 1.3V-vf 500ns 5uA-ir SMB 5K/REEL-13 398900304 DIODE, RECTIFIER, 200V, 3A
|
Power-One
|
1N5420 JANS1N5420 1N5415 1N5415-1 1N5416 1N5417 1N |
RECTIFIERS MILITARY APPROVED/ FAST RECOVERY/ 3AMP Fast Rectifier (100-500ns) ZFKDSA 1,5-W-5,08- 7 FAST RECTIFIERS MSTBV 2,5/22-G MSTBV 2,5/21-G RECTIFIERS MILITARY APPROVED, FAST RECOVERY, 3AMP
|
MICROSEMI[Microsemi Corporation]
|
SDA356JUF SDA276B SDA276C SDA276D SDA276E SDA276G |
600 V, 1 A fast and ultra fast rectifier assembly 100 V, 1.5 A bridge rectifier assembly 200 V, 1.5 A bridge rectifier assembly 400 V, 1.5 A bridge rectifier assembly 600 V, 1.5 A bridge rectifier assembly 1000 V, 1.5 A bridge rectifier assembly 1500 V, 1.5 A bridge rectifier assembly 800 V, 1 A fast and ultra fast rectifier assembly 1200 V, 1 A fast and ultra fast rectifier assembly 400 V, 1 A fast and ultra fast rectifier assembly
|
Solid State Devices Inc
|