PART |
Description |
Maker |
EW940108-00 EW930092-20 |
PANEL MOUNT, CABLE TERMINATED, FEMALE-FEMALE, RF TEE ADAPTER MALE-FEMALE, RF STRAIGHT ADAPTER, PLUG-JACK
|
|
3284 |
Adapter, BNC 隆掳T隆卤 Female-Female-Female Adapter, BNC “T Female-Female-Female
|
Pomona Electronics
|
50736-F501 50736-F223 50736-H695 50736-F745 50736- |
200 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 88 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 276 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 296 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 236 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 260 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 128 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 220 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 160 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 280 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 68 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 228 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 232 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 180 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 316 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE 40 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, RECEPTACLE
|
|
48201-6063 48201-6043 48201-6046 48201-6052 48201- |
9ckt D-Sub Female Fork Board Lock L/F 9 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER 15ckt D-Sub Female Fork Board Lock L/F 15 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER 25ckt D-Sub Female Fork Board Lock L/F 25 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER Std D-sub Female Fork Lock 15P 15m L/F 15 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER
|
Molex, Inc.
|
PE7214-30 |
30 dB Fixed Attenuator, N Female To N Female Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
PE7359-30 |
30 dB Fixed Attenuator, SMA Female To 7/16 DIN Female Rated To 25 Watts Up To 7.5 GHz
|
Pasternack Enterprises, Inc.
|
PE7359-3 |
3 dB Fixed Attenuator, SMA Female To 7/16 DIN Female Rated To 25 Watts Up To 7.5 GHz
|
Pasternack Enterprises, Inc.
|
10090929-S626LLF 10090929-S156XLF 10090929-S154LLF |
H/D D-SUB FEMALE STRAIGHT 44 CONTACT(S), FEMALE, D SUBMINIATURE CONNECTOR, SOLDER, SOCKET
|
FCI connector
|
PE7226-60 |
60 dB Fixed Attenuator, N Female To SMA Female Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
PE7216-60 |
60 dB Fixed Attenuator, SMA Female To N Female Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
|