PART |
Description |
Maker |
CEN741 BFY90 2N2857 2N2865 2N5179 2N3478 CEN832 2N |
Leaded Small Signal Transistor General Purpose Small Signal NPN Transistors / Dual Transistors UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-71 Small Signal NPN Transistors / Dual Transistors 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-71 From old datasheet system
|
Advanced Semiconductor, Inc. Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
2N2837 2N2242 2N2501 2N2377 2N2378 2N2539 2N2509 2 |
Leaded Small Signal Transistor General Purpose Small Signal Transistors 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 800 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Thermal Transfer Label Printer Tape; Color:White; External Height:.31"; Material:Polyolefin; Print-On Area:100ft 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
CENTRAL[Central Semiconductor Corp] ETC Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
NTR2101P NTR2101PT1 |
Small Signal MOSFET 8.0V, 3.7A, Single P Channel, SOT23(8.0V, 3.7A双功率MOSFET) 小信号MOSFET 8.0V.7A,单P通道,SOT23封装8.0V.7A双功率MOSFET的) Small Signal MOSFET -8 V, -3.7 A, Single P-Channel, SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 3700 mA, 8 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB
|
ON Semiconductor
|
UPA800T UPA800T-T1 UPA800T-KB |
2 CHANNEL, UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 2 CHANNEL, L BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
|
NEC[NEC]
|
2SA1615-Z-T1K FP1A4M-T1B FP1J3P-T1B FP1L3N-T1B 2SK |
10000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, MP-3, SC-63, 3 PIN 700 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, SC-59, 3 PIN 30 mA, N-CHANNEL, Si, SMALL SIGNAL, JFET 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Welwyn Components, Ltd. Sumida, Corp.
|
SCH2602 |
350 mA, 30 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
|
SANYO SEMICONDUCTOR CO LTD Sanyo Semicon Device
|
BZX84C18LT1 BZX84C18LT3 BZX84C36LT1 BZX84C36LT3 BZ |
From old datasheet system Small Signal 5% 20V Small Signal 5% 15V Small Signal 5% 13V Zener Zener Diode MINIBLOC Small Signal 5% 8.2V Zener NP Small Signal 5% 5.6V Small Signal 5% 6.2V Small Signal 5% 6.8V Small Signal 5% 9.1V Small Signal 4.7V Small Signal 5% 7.5V Small Signal 5% 5.1V Zener Voltage Regulators 5.6 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 3.6 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 6.2 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 10 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 7.5 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB Zener Voltage Regulators 51 V, 0.225 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236AB
|
ONSEMI[ON Semiconductor]
|
BSS138 |
TRANSISTOR 220 mA, 50 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB, PLASTIC PACKAGE-3, FET General Purpose Small Signal
|
Vishay Semiconductors
|
SI4354DY-T1-E3 |
TRANSISTOR 9500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
1S922 1S923 1S923TR 1S922TR |
Small Signal Diode 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-35 Small Signal Diode 0.2 A, 150 V, SILICON, SIGNAL DIODE, DO-35 High Conductance Fast Diode
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
|