PART |
Description |
Maker |
TLE4241GM |
Voltage Regulator - adj. LED Driver
|
Infineon
|
SG117 SG117T SG117AK SG117K JAN117T SG117AIG SG117 |
1.5A Three Terminal Adj. Voltage Regulator TM 1.5A Three Terminal Adj. Voltage Regulator Positive Adjustable Linear Voltage Regulators; Package: TO-66; VDIFF (V): 40; IOUT (A): 1.5; VOUT (V): 36; 1.2 V-25 V ADJUSTABLE POSITIVE REGULATOR, MBFM2
|
Microsemi, Corp. Microsemi Corporation
|
IRU1075CM IRU1075CP IRU1075CT IRU1075 |
7.5A Adj LDO Linear Regulator in a TO-220 3-Leads package 7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
|
IRF[International Rectifier]
|
RQ5RW RQ5RW29BA RQ5RW28AB-TR RQ5RW29AB-TR RQ5RW24A |
FAN 24VDC BISCUIT BD24A3 LED Lamp; Bulb Size:T-3; LED Color:Blue; Luminous Intensity:1500ucd; Viewing Angle:10 ; Forward Current:20mA; Forward Voltage:3.8V; Operating Temperature Range:-40 C to C; Color:Blue; Leaded Process Compatible:Yes RoHS Compliant: Yes CAP Tantalum-Wet Miniature 6V 27.0 uF /-20% Silver can Axial , TPC - Hilton SMALL PACKAGE VOLTAGE REGULATOR FIXED POSITIVE REGULATOR, PDSO4 SMALL PACKAGE VOLTAGE REGULATOR 2.8 V FIXED POSITIVE LDO REGULATOR, 0.06 V DROPOUT, PDSO4 SMALL PACKAGE VOLTAGE REGULATOR 4.8 V FIXED POSITIVE LDO REGULATOR, 0.04 V DROPOUT, PDSO4 1.3V 3.9W 24V-Input Isolated DC/DC Converter 10-SIP MODULE -40 to 85 FIXED POSITIVE REGULATOR, PDSO4 12V 10W 24V-Input Isolated DC/DC Converter 10-SIP MODULE -40 to 85 FIXED POSITIVE REGULATOR, PDSO4 SMALL PACKAGE VOLTAGE REGULATOR 2.3 V FIXED POSITIVE LDO REGULATOR, 0.09 V DROPOUT, PDSO4 SMALL PACKAGE VOLTAGE REGULATOR 4 V FIXED POSITIVE LDO REGULATOR, 0.04 V DROPOUT, PDSO4 SMALL PACKAGE VOLTAGE REGULATOR 4.6 V FIXED POSITIVE LDO REGULATOR, 0.04 V DROPOUT, PDSO4 SMALL PACKAGE VOLTAGE REGULATOR 4.5 V FIXED POSITIVE LDO REGULATOR, 0.04 V DROPOUT, PDSO4 SMALL PACKAGE VOLTAGE REGULATOR 3.1 V FIXED POSITIVE LDO REGULATOR, 0.06 V DROPOUT, PDSO4
|
Ricoh Co., Ltd. http:// RICOH COMPANY LTD RICOH electronics devic...
|
MSK5130-12ZD MSK5130-00ZD |
12V, High current, low dropout voltage regulator Adj, High current, low dropout voltage regulator
|
M.S. Kennedy Corp.
|
HZU16B1TRF-E HZU2.7B1TLF HZU2.0BTLF HZU2.4BTRF-E H |
15.69 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.625 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.05 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.45 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.925 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.225 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.25 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.525 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.075 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.375 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.775 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.21 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.795 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4.515 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 30 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 23.445 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 21.325 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
|
MM3Z2V4ST3 MM3Z2V7ST3 MM3Z11VST1 MM3Z12VST1 MM3Z9V |
Zener Voltage Regulator Diode From old datasheet system CONN POLORIZING KEY 128 x 128 pixel format, LED Backlight available 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 3.3 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulators 3.6 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 3.42 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Zener Voltage Regulator 2% TOL Zener Voltage Regulator Tight Tolerance
|
ONSEMI[ON Semiconductor]
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
ZR2431F02TA |
IC REG ADJ SHUNT 1.5-20V SOT23 1.24 V-15 V ADJUSTABLE POSITIVE REGULATOR, PDSO3
|
Zetex Semiconductor PLC
|
NJM78L00 NJM78L00A NJM78L00EA NJM78L00UA NJM78L08A |
6 V FIXED POSITIVE REGULATOR, PBCY3 3-Terminal Positive Voltage Regulator(18V端正电压稳压 三端正电压稳压器8V的三端正电压稳压器) 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 3-Terminal Positive Voltage Regulator(24V端正电压稳压 三端正电压稳压器4V的,3端正电压稳压器) 三端正电压稳压器5V的,3端正电压稳压器) 3-Terminal Positive Voltage Regulator(2.6V端正电压稳压 3-Terminal Positive Voltage Regulator(8V端正电压稳压 FIXED POSITIVE REGULATOR, PDSO8
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
NCP45524 |
ecoSWITCH Advanced Load Management: 6A Integrated Load Switch w/ Ultra-Low R<sub>ON</sub>, V<sub>IN</sub> Range= 0.5V-13.5V, Power Good Out or Adj. Slew Rate, Adj. Discharge
|
ON Semiconductor
|
|