PART |
Description |
Maker |
ST72F65X |
FULL-SPEED USB 8-BIT MCU
|
ST Microelectronics
|
ST7HUB |
USB 1.1 HUB WITH 2 DOWNSTREAMS, FULL SPEED FUNCTION, 8-BIT MCU, 10-BIT ADC, 3 TIMERS, 2 PWMS (DATA BRIEFING) USB 1.1 HUB WITH 2 DOWNSTREAMS, FULL SPEED FUNCTION, 8-BIT MCU, 10-BIT ADC, 3 TIMERS, 2 PWMs
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
HT82A520R10 HT82A620R |
Full Speed USB 8-Bit OTP MCU with SPI
|
Holtek Semiconductor Inc Holtek Semiconductor In...
|
C8051F341-GQ C8051F34B-GQ C8051F34B-GM C8051F342-G |
Full Speed USB Flash MCU Family 8-BIT, FLASH, 48 MHz, MICROCONTROLLER, PQFP48 On-chip debug circuity facilitates full speed non-intru-sive in-system debug (No emulatr required)
|
Silicon Laboratories, Inc.
|
ST92163N4B1E ST92E163N4D0 ST92E163N4D1V ST92E163NR |
8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I 2 C, SCI, & MFT
|
ST Microelectronics
|
ST92163 ST92163E ST92163L ST92163N4B0 ST92163N4B0E |
8/16-BIT FULL SPEED USB MCU FOR COMPOSITE DEVICES WITH 16 ENDPOINTS, 20K ROM, 2K RAM, I2C, SCI, & MFT
|
STMICROELECTRONICS[STMicroelectronics]
|
ST7FSCR1E4 ST7SCR1E4 |
8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER (DATA BRIEFING)
|
ST Microelectronics
|
ST72T631K1B0 ST72T631K1B1 ST72T631K1D0 ST72T631K1D |
LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
|
STMICROELECTRONICS[STMicroelectronics]
|
C8051F326 |
FULL SPEED USB, 16 KB FLASH MCU FAMILY
|
ETC
|
CY7C64013A CY7C64113A CY7C64113-PVC |
Full-Speed USB (12 Mbps) Function 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PDSO48 Full-Speed USB (12-Mbps) Function
|
Cypress Semiconductor, Corp.
|
C8051F321 C8051F320 |
(C8051F320 / C8051F321) Full Speed USB / 16k ISP FLASH MCU Family
|
Silicon Laboratories
|
STR71XF STR712FR0XX STR71XF07 STR711FR1XX STR710FR |
ARM7TDMI 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces(带Flash, USB, CAN 5个定时器, ADC, 10个通信接口的ARM7TDMI 32位MCU) ARM7TDMI2位微控制器的闪存,USB,可5定时器,ADC10通讯接口(带闪存,USB,可5个定时器,ADC10个通信接口的ARM7TDMI2位微控制器) ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?/a> 32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces ARM7TDMI?32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
|
STMicroelectronics N.V. 意法半导
|
|